Electronic Components Datasheet Search
  English  ▼

X  

LM26 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM26
Description  LM26 SOT-23, ±3°C Accurate, Factory-Preset Thermostat
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM26 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM26 Datasheet HTML 8Page - Texas Instruments LM26 Datasheet HTML 9Page - Texas Instruments LM26 Datasheet HTML 10Page - Texas Instruments LM26 Datasheet HTML 11Page - Texas Instruments LM26 Datasheet HTML 12Page - Texas Instruments LM26 Datasheet HTML 13Page - Texas Instruments LM26 Datasheet HTML 14Page - Texas Instruments LM26 Datasheet HTML 15Page - Texas Instruments LM26 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
GND
VTEMP
OS, OS,
US, US
V
+
VIA to ground plane
VIA to power plane
0.1 µ F
R is optional maybe directly
connected to GND or V
+
R only required
for open-drain
HYST
LM26
SNIS115S – MAY 2001 – REVISED SEPTEMBER 2015
www.ti.com
10 Power Supply Recommendations
The LM26 has excellent power supply noise rejection. Listed below is a variety of signals used to test the LM26
power supply rejection. False triggering of the output was not observed when these signals where coupled into
the V+ pin of the LM26.
•
square wave 400 kHz, 1 Vp-p
•
square wave 2 kHz, 200 mVp-p
•
sine wave 100 Hz to 1 MHz, 200 mVp-p
Testing was done while maintaining the temperature of the LM26 one degree centigrade way from the trip point
with the output not activated.
11 Layout
11.1 Layout Guidelines
The LM26 can be applied easily in the same way as other integrated-circuit temperature sensors. It can be glued
or cemented to a surface. The temperature that the LM26 is sensing will be within about +0.06°C of the surface
temperature to which the LM26's leads are attached to.
This presumes that the ambient air temperature is almost the same as the surface temperature; if the air
temperature were much higher or lower than the surface temperature, the actual temperature measured would
be at an intermediate temperature between the surface temperature and the air temperature.
To ensure good thermal conductivity, the backside of the LM26 die is directly attached to the GND pin (pin 2).
The temperatures of the lands and traces to the other leads of the LM26 will also affect the temperature that is
being sensed.
Alternatively, the LM26 can be mounted inside a sealed-end metal tube, and can then be dipped into a bath or
screwed into a threaded hole in a tank. As with any IC, the LM26 and accompanying wiring and circuits must be
kept insulated and dry, to avoid leakage and corrosion. This is especially true if the circuit may operate at cold
temperatures where condensation can occur. Printed-circuit coatings and varnishes such as Humiseal and epoxy
paints or dips are often used to ensure that moisture cannot corrode the LM26 or its connections.
11.2 Layout Example
Figure 14. LM26 Typical Layout
12
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: LM26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com