Electronic Components Datasheet Search
  English  ▼

X  

LM26 Datasheet(PDF) 14 Page - Texas Instruments

Part # LM26
Description  LM26 SOT-23, ±3°C Accurate, Factory-Preset Thermostat
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM26 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM26 Datasheet HTML 10Page - Texas Instruments LM26 Datasheet HTML 11Page - Texas Instruments LM26 Datasheet HTML 12Page - Texas Instruments LM26 Datasheet HTML 13Page - Texas Instruments LM26 Datasheet HTML 14Page - Texas Instruments LM26 Datasheet HTML 15Page - Texas Instruments LM26 Datasheet HTML 16Page - Texas Instruments LM26 Datasheet HTML 17Page - Texas Instruments LM26 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
LM26
SNIS115S – MAY 2001 – REVISED SEPTEMBER 2015
www.ti.com
11.4 Part Number Template
The series of digits labeled xyz in the part number LM26CIM-xyz, describe the set point value and the function of
the output as follows:
The place holders xy describe the set point temperature as shown in the following table.
x (10x)
y (1x)
Temperature (°C)
A
-
−5
B
-
−4
C
-
−3
D
-
−2
E
-
−1
F
-
−0
H
H
0
J
J
1
K
K
2
L
L
3
N
N
4
P
P
5
R
R
6
S
S
7
T
T
8
V
V
9
X
-
10
Y
-
11
Z
-
12
The value of z describes the assignment/function of the output as shown in the following table:
Open-Drain/ Push-
Active-Low/High
OS/US
Value of z
Digital Output Function
Pull
0
0
0
A
Active-Low, Open-Drain, OS output
0
0
1
B
Active-Low, Open-Drain, US output
1
1
0
C
Active-High, Push-Pull, OS output
1
1
1
D
Active-High, Push-Pull, US output
For example:
•
the part number LM26CIM5-TPA has TOS = 85°C, and programmed as an active-low open-drain
overtemperature shutdown output.
•
the part number LM26CIM5-FPD has TUS = −5°C, and programmed as an active-high, push-pull
undertemperature shutdown output.
Active-high open-drain and active-low push-pull options are available, please contact Texas Instruments for more
information.
14
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: LM26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com