Electronic Components Datasheet Search
  English  ▼

X  

LM2755 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM2755
Description  LM2755 Charge Pump LED Controller with I2C-Compatible Interface in DSBGA Package
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2755 Datasheet(HTML) 2 Page - Texas Instruments

  LM2755 Datasheet HTML 1Page - Texas Instruments LM2755 Datasheet HTML 2Page - Texas Instruments LM2755 Datasheet HTML 3Page - Texas Instruments LM2755 Datasheet HTML 4Page - Texas Instruments LM2755 Datasheet HTML 5Page - Texas Instruments LM2755 Datasheet HTML 6Page - Texas Instruments LM2755 Datasheet HTML 7Page - Texas Instruments LM2755 Datasheet HTML 8Page - Texas Instruments LM2755 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Top View
A
B
C
D
E
1
2
3
4
5
6
7
Bottom View
E
D
C
B
A
1
2
3
4
5
6
7
LM2755
SNVS433D – OCTOBER 2007 – REVISED APRIL 2013
www.ti.com
Connection Diagram
Figure 3. 18-Bump Thin DSBGA Package
1.615mm × 1.807mm × 0.6mm
(See Package Number YFQ0018AAA)
PIN DESCRIPTIONS
Pin #s
Pin Names
Pin Descriptions
A1
ID1
LED Driver 1
A3
ID2
LED Driver 2
A5
ID3
LED Driver 3
A7
SYNC
External clock synchronization input
B2
ISET
LED Driver Current Set Pin
B4
HWEN
Hardware EN Pin. Low '0' = RESET, High '1' = Normal Operation
B6
SDIO
Serial data Input/Output pin
C1
VIN
Input Voltage Connection
C3
GND
Ground Connection.
C5
VIO
Serial Bus Voltage Level Input
C7
SCL
Serial Clock Pin
D2
POUT
Charge Pump Output
D4
C2-
Flying Capacitor Connect
D6
GND
Ground connection
E1
C1+
Flying Capacitor Connect
E3
C2+
Flying Capacitor Connect
E5
C1-
Flying Capacitor Connect
E7
ADDR
Chip Address Select Input. VIN = 0x67. Ground = 0x18.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM2755



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com