Electronic Components Datasheet Search
  English  ▼

X  

LM2755 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM2755
Description  LM2755 Charge Pump LED Controller with I2C-Compatible Interface in DSBGA Package
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2755 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2755 Datasheet HTML 8Page - Texas Instruments LM2755 Datasheet HTML 9Page - Texas Instruments LM2755 Datasheet HTML 10Page - Texas Instruments LM2755 Datasheet HTML 11Page - Texas Instruments LM2755 Datasheet HTML 12Page - Texas Instruments LM2755 Datasheet HTML 13Page - Texas Instruments LM2755 Datasheet HTML 14Page - Texas Instruments LM2755 Datasheet HTML 15Page - Texas Instruments LM2755 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
LM2755
SNVS433D – OCTOBER 2007 – REVISED APRIL 2013
www.ti.com
Table 1. Internal Registers of LM2755 (continued)
Register Name
Internal Hex Address
Power On Value
D2 Time High: nhigh2
xB3
0000 0000
D2 Ramp-Down Step Time: nfall2
xB4
0000 0000 (1)
D2 Timing: nlow2
xB2
0000 0000
D3 High Level: nID3H
xC9
1110 0000
D3 Low Level: nID3L
xC8
1110 0000
D3 Delay: ndelay3
xC1
0000 0000
D3 Ramp-Up Step Time: nrise3
xC5
0000 0000 (1)
D3 Time High: nhigh3
xC3
0000 0000
D3 Ramp-Down Step Time: nfall3
xC4
0000 0000 (1)
D3 Timing: nlow3
xC2
0000 0000
GENERAL PURPOSE REGISTER DESCRIPTION
•
Bit 0: enable output D1 with high current level.
•
Bit 1: enable output D2 with high current level.
•
Bit 2: enable output D3 with high current level.
•
Bit 3: enable dimming waveform on output D1.
•
Bit 4: enable dimming waveform on output D2.
•
Bit 5: enable dimming waveform on output D3.
•
Bit 6: enable external clock. '1' = External Clock Sync, '0' = Internal Clock Used
•
Bit 7: If Bit 7 = 0 the charge pump is powered on before any dimming waveform is enabled. It is
recommended that Bit7 be set to a '0' if an external clock is used. If Bit 7 = 1 the dimming waveform can be
enabled before charge pump is powered on.
Application Information
SETTING FULL-SCALE LED CURRENT
The current through the LEDs connected to D1, D2 and D3 can be set to a desired level simply by connecting an
appropriately sized resistor (RSET) between the ISET pin of the LM2755 and GND. The LED currents are
proportional to the current that flows through the ISET pin and are a factor of 200 times greater than the ISET
currents. The feedback loop of the internal amplifier sets the voltage of the ISET pin to 1.25V (typ.). The
statement above is simplified in the equation below:
IDx (Full-Scale) = 200 × (VISET / RSET)
(1)
Please refer to I2C-Compatible Interface for detailed instructions on how to adjust the brightness control
registers.
BRIGHTNESS LEVEL CONTROL
Once the desired RSET value has been chosen, the LM2755 can internally dim the LEDs by modulating the
currents with an internally set 20kHz PWM signal. The PWM duty cycle percentage is independently set for each
LED through the I2C-compatible interface. The 32 brightness levels follow a exponentially increasing pattern
rather than a linearly increasing one in order to better match the human eye's response to changing brightness.
The brightness level response is modeled in the following equations.:
IDx LOW = (0.9)
(31-n
IDxL
) × I
Dx Fullscale
(2)
IDx HIGH = (0.9)
(31-n
IDxH
) × I
Dx Fullscale
(3)
nIDxH and nIDxL are numbers between 0 and 31 stored in the Brightness Level registers. When the waveform
enable bits are set to '1', nIDxH and nIDxL are the brightness level boundaries. These equations apply to all Dx
outputs and their corresponding registers. A '0' code in the Brightness Control register sets the current to an "off-
state" (0mA).
12
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM2755



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com