Electronic Components Datasheet Search
  English  ▼

X  

LM2756 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM2756
Description  LM2756 Multi-Display Inductorless LED Driver with 32 Exponential Dimming Steps in DSBGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2756 Datasheet(HTML) 2 Page - Texas Instruments

  LM2756 Datasheet HTML 1Page - Texas Instruments LM2756 Datasheet HTML 2Page - Texas Instruments LM2756 Datasheet HTML 3Page - Texas Instruments LM2756 Datasheet HTML 4Page - Texas Instruments LM2756 Datasheet HTML 5Page - Texas Instruments LM2756 Datasheet HTML 6Page - Texas Instruments LM2756 Datasheet HTML 7Page - Texas Instruments LM2756 Datasheet HTML 8Page - Texas Instruments LM2756 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Top View
A
B
C
D
E
Bottom View
E
D
C
B
A
1
2
3
4
1
2
3
4
LM2756
SNVS504C – JULY 2007 – REVISED MAY 2013
www.ti.com
DESCRIPTION (CONTINUED)
The device provides excellent efficiency without the use of an inductor by operating the charge pump in a gain of
3/2 or in Pass-Mode. The proper gain for maintaining current regulation is chosen, based on LED forward
voltage, so that efficiency is maximized over the input voltage range.
The LM2756 is available in TI's tiny 20-bump, 0.4mm pitch, thin DSBGA package.
Figure 1. Minimum Layout
Connection Diagram
Figure 2. 20 Bump DSBGA Package
Package Number YFQ0020AAA
PIN DESCRIPTIONS
Bump #s
Pin Names
Pin Descriptions
YFQ0020AAA
A3
VIN
Input voltage. Input range: 2.7V to 5.5V.
A2
VOUT
Charge Pump Output Voltage
A1, C1, B1, B2
C1+, C1-, C2+, C2-
Flying Capacitor Connections
D3, E3,E4, D4
D1A-D4A
LED Drivers - GroupA
C4, B4
D53, D62
LED Drivers - Configurable Current Sinks. Can be assigned to GroupA or GroupB
B3
D1B
LED Drivers - GroupB
C3
D1C
LED Driver - Indicator LED
D2
ISET
Placing a resistor (RSET) between this pin and GND sets the full-scale LED current for
DxA , DxB, D53, D62 and D1C LEDs.
Full-Scale LED Current = 189 × (1.25V ÷ RSET)
E1
HWEN
Hardware Enable Pin. High = Normal Operation, Low = RESET
C2
SDIO
Serial Data Input/Output Pin
E2
SCL
Serial Clock Pin
A4, D1
GND
Ground
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM2756



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com