Electronic Components Datasheet Search
  English  ▼

X  

LM2756 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM2756
Description  LM2756 Multi-Display Inductorless LED Driver with 32 Exponential Dimming Steps in DSBGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2756 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM2756 Datasheet HTML 16Page - Texas Instruments LM2756 Datasheet HTML 17Page - Texas Instruments LM2756 Datasheet HTML 18Page - Texas Instruments LM2756 Datasheet HTML 19Page - Texas Instruments LM2756 Datasheet HTML 20Page - Texas Instruments LM2756 Datasheet HTML 21Page - Texas Instruments LM2756 Datasheet HTML 22Page - Texas Instruments LM2756 Datasheet HTML 23Page - Texas Instruments LM2756 Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
26-Oct-2024
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM2756TM/NOPB
DSBGA
YFQ
20
250
178.0
8.4
1.89
2.2
0.76
4.0
8.0
Q1
LM2756TMX/NOPB
DSBGA
YFQ
20
3000
178.0
8.4
1.89
2.2
0.76
4.0
8.0
Q1
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com