Electronic Components Datasheet Search
  English  ▼

X  

LM306D Datasheet(PDF) 6 Page - Texas Instruments

Part # LM306D
Description  DIFFERENTIAL COMPARATOR WITH STROBES
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM306D Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM306D Datasheet HTML 2Page - Texas Instruments LM306D Datasheet HTML 3Page - Texas Instruments LM306D Datasheet HTML 4Page - Texas Instruments LM306D Datasheet HTML 5Page - Texas Instruments LM306D Datasheet HTML 6Page - Texas Instruments LM306D Datasheet HTML 7Page - Texas Instruments LM306D Datasheet HTML 8Page - Texas Instruments LM306D Datasheet HTML 9Page - Texas Instruments LM306D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
LM306
DIFFERENTIAL COMPARATOR WITH STROBES
SLCS008A − OCTOBER 1979 − REVISED OCTOBER 1991
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
Figure 3
4
3
2
1
010
20
30
40
50
5
6
HIGH-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
7
60
70
TA − Free-Air Temperature − °C
VCC + = 12 V
VCC − = − 3 V to − 12 V
VID = 8 mV
IOH = 0
IOH = − 400 µA
Figure 4
0.6
0.4
0.2
0
010
20
30
40
50
0.8
1
LOW-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
1.2
60
70
TA − Free-Air Temperature − °C
VCC + = 12 V
VCC − = − 3 V to − 12 V
VID = − 8 mV
IOL = 100 mA
IOL = 50 mA
IOL = 16 mA
IOL = 0
Figure 5
3
1
0
− 1
− 2
− 1
0
5
6
7
12
4
2
TA = 0°C
TA = 25°C
VCC + = 12 V
VCC − = − 6 V
RL = ∞
VID − Differential Input Voltage − mV
OUTPUT VOLTAGE
vs
DIFFERENTIAL INPUT VOLTAGE
TA = 70°C
Figure 6
− 5
− 4
− 3
− 2
− 1
0
1
1
OUTPUT CURRENT
vs
DIFFERENTIAL INPUT VOLTAGE
10
2
3
TA = 0°C
TA = 25°C
TA = 70°C
TA = 0°C
10 −1
10 −2
10 −3
10 −4
10 −5
10 −6
10 −7
10 −8
10 −9
VID − Differential Input Voltage − mV
VCC+ = VO = 12 V
VCC− = − 3 V to − 12 V
TA = 70°C
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com