Electronic Components Datasheet Search
  English  ▼

X  

LM306D Datasheet(PDF) 8 Page - Texas Instruments

Part # LM306D
Description  DIFFERENTIAL COMPARATOR WITH STROBES
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM306D Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM306D Datasheet HTML 4Page - Texas Instruments LM306D Datasheet HTML 5Page - Texas Instruments LM306D Datasheet HTML 6Page - Texas Instruments LM306D Datasheet HTML 7Page - Texas Instruments LM306D Datasheet HTML 8Page - Texas Instruments LM306D Datasheet HTML 9Page - Texas Instruments LM306D Datasheet HTML 10Page - Texas Instruments LM306D Datasheet HTML 11Page - Texas Instruments LM306D Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
LM306
DIFFERENTIAL COMPARATOR WITH STROBES
SLCS008A − OCTOBER 1979 − REVISED OCTOBER 1991
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
Figure 11
5
4
1
0
9
10
11
1213
1415
7
9
POSITIVE SUPPLY CURRENT
vs
POSITIVE SUPPLY VOLTAGE
10
16
17
3
8
6
2
VID = − 5 mV
VID = 5 mV
VCC + − Positive Supply Voltage − V
RL = ∞
TA = 25°C
VCC − = − 3 V to − 12 V
Figure 12
2
1
0
0
− 2
− 4− 6− 8
− 10
3
NEGATIVE SUPPLY CURRENT
vs
NEGATIVE SUPPLY VOLTAGE
4
− 12
− 14
− 16
VCC − − Negative Supply Voltage − V
VCC + = 12 V
RL = ∞
TA = 25°C
60
40
20
0
010
20
40
50
80
100
TOTAL POWER DISSIPATION
vs
FREE-AIR TEMPERATURE
120
60
70
TA − Free-Air Temperature − °C
VID = − 8 mV
VID = 8 mV
30
VCC + = 12 V
VCC − = − 6 V
RL = ∞
Figure 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com