Electronic Components Datasheet Search
  English  ▼

X  

LM3253 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM3253
Description  LM3253 High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3253 Datasheet(HTML) 2 Page - Texas Instruments

  LM3253 Datasheet HTML 1Page - Texas Instruments LM3253 Datasheet HTML 2Page - Texas Instruments LM3253 Datasheet HTML 3Page - Texas Instruments LM3253 Datasheet HTML 4Page - Texas Instruments LM3253 Datasheet HTML 5Page - Texas Instruments LM3253 Datasheet HTML 6Page - Texas Instruments LM3253 Datasheet HTML 7Page - Texas Instruments LM3253 Datasheet HTML 8Page - Texas Instruments LM3253 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
4
3
2
1
Top View
4
3
2
1
Bottom View
A
B
C
D
A
B
C
D
ACB
ACB
BGND
FB
ACB
ACB
BGND
FB
PVIN
PVIN
BP
MODE
PVIN
PVIN
BP
MODE
SW
SW
EN
VCON
SW
SW
EN
VCON
PGND
PGND
SGND
VDD
PGND
PGND
SGND
VDD
LM3253
PVIN VDD
SW
FB
VCON
PGND SGND
EN
MODE
VBATT
VOUT
ACB
BP
VCC_PA_2G
BB or
RFIC
DAC
GPO2
GPO1
BGND
1.5 µH
10 µF
1.0 µF
PA
4.7 µF
PA(s)
VCC_PA_3G
10 µF
LM3253
SNVS791Q – FEBRUARY 2012 – REVISED MAY 2013
www.ti.com
Typical System Application Diagram
Connection Diagram
Figure 1. 16-Bump 0.4 mm Pitch Thin DSBGA Package
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM3253



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com