Electronic Components Datasheet Search
  English  ▼

X  

LM3253 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM3253
Description  LM3253 High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3253 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3253 Datasheet HTML 9Page - Texas Instruments LM3253 Datasheet HTML 10Page - Texas Instruments LM3253 Datasheet HTML 11Page - Texas Instruments LM3253 Datasheet HTML 12Page - Texas Instruments LM3253 Datasheet HTML 13Page - Texas Instruments LM3253 Datasheet HTML 14Page - Texas Instruments LM3253 Datasheet HTML 15Page - Texas Instruments LM3253 Datasheet HTML 16Page - Texas Instruments LM3253 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
LM3253
www.ti.com
SNVS791Q – FEBRUARY 2012 – REVISED MAY 2013
OPERATION DESCRIPTION
Device Information
The LM3253 is a high-efficiency step-down DC-DC converter optimized to power the RF power amplifier (PA) in
cell phones, portable communication devices, or battery-powered RF devices with a single Li-Ion battery. It
operates in fixed-frequency PWM mode for 2G transmissions (with MODE = LOW), automatic mode transition
between PFM and PWM mode for 3G/4G RF PA operation (with MODE = HIGH), forced bypass mode (with BP
= HIGH) or in shutdown mode (with EN = LOW).
The fixed-frequency Pulse Width Modulation (PWM) mode provides high efficiency and very low output voltage
ripple. In Pulse Frequency Modulation (PFM) mode, the converter operates with reduced switching frequencies
and lower supply current to maintain high efficiencies. The forced bypass mode allows the user to drive the
output directly from the input supply through a bypass FET. The shutdown mode turns the LM3253 off and
reduces current consumption to 0.02 µA (typ.).
In PWM and PFM modes of operation, the output voltage of the LM3253 can be dynamically programmed from
0.4V to 3.6V (typ.) by adjusting the voltage on VCON. Current overload protection and thermal overload
protection are also provided.
The LM3253 was engineered with Active Current assist and analog Bypass (ACB). This unique feature allows
the converter to support maximum load currents of 3A (min.) while keeping a small footprint inductor and meeting
all of the transient behaviors required for operation of a multi-mode RF Power Amplifier. The ACB circuit provides
an additional current path when the load current exceeds 1.9A (typ.) or as the switcher approaches dropout.
Similarly, the ACB circuit allows the converter to respond with faster VCON output voltage transition times by
providing extra output current on rising and falling output edges. The ACB circuit also performs the function of
analog bypass. Depending upon the input voltage, output voltage and load current, the ACB circuit automatically
and seamlessly transitions the converter into analog bypass while maintaining output voltage regulation and low
output voltage ripple. Full bypass (100% duty cycle operation) will occur if the total dropout resistance in bypass
mode (Rtot_drop = 45 mΩ) is insufficient to regulate the output voltage.
The LM3253 16-bump DSBGA package is the best solution for space-constrained applications such as cell
phones and other hand-held devices. The high switching frequency, 2.7 MHz (typ.) in PWM mode, reduces the
size of input capacitors, output capacitors and of the inductor. Use of a DSBGA package is best suited for
opaque case applications and requires special design considerations for implementation. (Refer to DSBGA
Package Assembly And Use section below). As the LM3253 does not implement UVLO, the system controller
should set EN = LOW and set BP = HIGH during power-up and UVLO conditions. (Refer to Shutdown Mode
below).
PWM Operation
When the LM3253 operates in PWM mode, the switching frequency is constant, and the switcher regulates the
output voltage by changing the energy-per-cycle to support the load required. During the first portion of each
switching cycle, the control block in the LM3253 turns on the internal PFET switch. This allows current to flow
from the input through the inductor and to the output filter capacitor and load. The inductor limits the current to a
ramp with a slope of (VIN – VOUT)/L, by storing energy in its magnetic field.
During the second portion of each cycle, the control block turns the PFET switch off, blocking current flow from
the input, and then turns the NFET synchronous rectifier on. The inductor draws current from ground through the
NFET and to the output filter capacitor and load, which ramps the inductor current down with a slope of –VOUT/L.
The output filter capacitor stores charge when the inductor current is greater than the load current and releases it
when the inductor current is less than the load current, smoothing the voltage across the load.
At the next rising edge of the clock, the cycle repeats. An increase of load pulls the output voltage down,
increasing the error signal. As the error signal increases, the peak inductor current becomes higher, thus
increasing the average inductor current. The output voltage is therefore regulated by modulating the PFET switch
on-time to control the average current sent to the load. The circuit generates a duty-cycle modulated rectangular
signal that is averaged using a low pass filter formed by the inductor and output capacitor. The output voltage is
equal to the average of the duty-cycle modulated rectangular signal.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3253



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com