Electronic Components Datasheet Search
  English  ▼

X  

LM392 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM392
Description  LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM392 Datasheet(HTML) 2 Page - Texas Instruments

  LM392 Datasheet HTML 1Page - Texas Instruments LM392 Datasheet HTML 2Page - Texas Instruments LM392 Datasheet HTML 3Page - Texas Instruments LM392 Datasheet HTML 4Page - Texas Instruments LM392 Datasheet HTML 5Page - Texas Instruments LM392 Datasheet HTML 6Page - Texas Instruments LM392 Datasheet HTML 7Page - Texas Instruments LM392 Datasheet HTML 8Page - Texas Instruments LM392 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.ti.com
V+
OUTPUT
+INPUT
–INPUT
3.5 µA
100 µA
100 µA
3.5 µA
6 µA
–INPUT
+INPUT
Comparator
Amplifier
4 µA
OUTPUT
100 µA
50 µA
LM392
LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR
SLOS466 – JANUARY 2006
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Reel of 250
LM392DGKT
MSOP – DGK
PREVIEW
Reel of 2500
LM392DGKR
0
°C to 70°C
PDIP – P
Tube of 50
LM392P
LM392P
Tube of 75
LM392D
SOIC – D
LM392
Reel of 2500
LM392DR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
SCHEMATIC DIAGRAM
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com