Electronic Components Datasheet Search
  English  ▼

X  

LM392 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM392
Description  LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM392 Datasheet(HTML) 4 Page - Texas Instruments

  LM392 Datasheet HTML 1Page - Texas Instruments LM392 Datasheet HTML 2Page - Texas Instruments LM392 Datasheet HTML 3Page - Texas Instruments LM392 Datasheet HTML 4Page - Texas Instruments LM392 Datasheet HTML 5Page - Texas Instruments LM392 Datasheet HTML 6Page - Texas Instruments LM392 Datasheet HTML 7Page - Texas Instruments LM392 Datasheet HTML 8Page - Texas Instruments LM392 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
www.ti.com
Electrical Characteristics
Electrical Characteristics, Operational Amplifier Only
LM392
LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR
SLOS466 – JANUARY 2006
V+ = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
At output switch point, VO ≈ 1.4 V,
25°C
±2
±5
VIO
Input offset voltage
RS = 0 Ω, V+ = 5 V to 30 V,
mV
0
°C to 70°C
±7
VCM = 0 V to (V+ – 1.5 V)
IN(+) or IN(–), VCM = 0 V(1)
25°C
50
205
IIB
Input bias current
nA
IN(+) or IN(–)
0
°C to 70°C
400
25°C
±5
±50
IIO
Input offset current
IN(+) – IN(–)
nA
0
°C to 70°C
150
25°C
0
V+ – 1.5
VCM
Input common-mode voltage(2)
V+ = 30 V
V
0
°C to 70°C
0
V+ – 2
V+ = 30 V
1
2
I+
Supply current
RL = ∞
0
°C to 70°C
mA
V+ = 5 V
0.5
1
Amplifier-to-amplifier coupling
f = 1 kHz to 20 kHz, Input referred(3)
25°C
–100
dB
VDI
Differential input voltage
All VIN ≥ 0 V (or V–, if used)(4)
0
°C to 70°C
32
V
(1)
The direction of the input current is out of the device due to the PNP input stage. This current essentially is constant and independent of
the state of the output, so no loading change exists on the input lines.
(2)
The input common-mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3 V. The upper end
of the common-mode voltage range is V+ – 1.5 V, but either or both inputs can go to 32 V without damage.
(3)
Due to proximity of external components, ensure that coupling is not originating via the stray capacitance between these external parts.
This typically can be detected, as this type of capacitive coupling increases at higher frequencies.
(4)
Positive excursions of input voltage may exceed the power-supply level. As long as the other input voltage remains within the
common-mode range, the comparator provides a proper output state. The input voltage to the operational amplifier should not exceed
the power-supply level. The input voltage state must not be less than –0.3 V (or 0.3 V below the magnitude of the negative power
supply, if used) on either amplifier.
V+ = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
V+ = 15 V, VO swing = 1 V to 11 V,
AVD
Large signal voltage gain
25°C
25
100
V/mV
RL = 2 kΩ
VOS
Output voltage swing
RL = 2 kΩ
25°C
0
V+ – 1.5
V
Common-mode rejection
CMRR
VCM = 0 V to (V+ – 1.5 V)
25°C
65
70
dB
ratio
Power-supply
kSVR
25°C
65
100
dB
rejection ratio
VIN(+) = 1 V, VIN(–) = 0 V, V+ = 15 V,
Isource
Output source current
25°C
20
40
mA
VO = 2 V
VIN(–) = 1 V,
VO = 2 V
10
20
mA
Isink
Output sink current
VIN(+) = 0 V,
25°C
VO = 200 mV
12
50
µA
V+ = 15 V
αV
IO
Input offset voltage drift
RS = 0 Ω
0
°C to 70°C
7
µV/°C
αI
IO
Input offset current drift
RS = 0 Ω
0
°C to 70°C
10
pA/
°C
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com