Electronic Components Datasheet Search
  English  ▼

X  

AC2010 Datasheet(PDF) 2 Page - YAGEO Corporation

Part # AC2010
Description  THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AC2010 Datasheet(HTML) 2 Page - YAGEO Corporation

  AC2010 Datasheet HTML 1Page - YAGEO Corporation AC2010 Datasheet HTML 2Page - YAGEO Corporation AC2010 Datasheet HTML 3Page - YAGEO Corporation AC2010 Datasheet HTML 4Page - YAGEO Corporation AC2010 Datasheet HTML 5Page - YAGEO Corporation AC2010 Datasheet HTML 6Page - YAGEO Corporation AC2010 Datasheet HTML 7Page - YAGEO Corporation AC2010 Datasheet HTML 8Page - YAGEO Corporation AC2010 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Chip Resistor Surface Mount
www.yageo.com
Aug. 02, 2022 V.9
Product specification
2
12
SERIES
AC
0201 to 2512
ORDERING INFORMATION - GLOBAL PART NUMBER
Part number is identified by the series name, size, tolerance, packaging
type, temperature coefficient, taping reel and resistance value.
SCOPE
This specification describes AC0201
to AC2512 chip resistors with lead-
free terminations made by thick film
process.
APPLICATIONS
⚫
All general purpose applications
⚫
Car electronics, industrial
application
FEATURES
⚫
AEC-Q200 qualified
⚫
Moisture sensitivity level: MSL 1
⚫
AC series soldering is compliant
with J-STD-020D
⚫
Halogen free epoxy
⚫
RoHS compliant
-
Products with lead-free
terminations meet RoHS
requirements
-
Pb-glass contained in electrodes,
resistor element and glass are
exempted by RoHS
⚫
Reduce environmentally
hazardous waste
⚫
High component and equipment
reliability
⚫
The resistors are 100% performed
by automatic optical inspection
prior to taping.
ORDERING EXAMPLE
The ordering code for an AC0402
chip resistor, value 100 KΩ with
± 1% tolerance, supplied in 7-inch
tape reel is: AC0402FR-07100KL.
NOTE
1. All our R-Chip products are RoHS
compliant and Halogen free. "LFP" of the
internal 2D reel label states "Lead-Free
Process".
2. On customized label, "LFP" or specific
symbol can be printed.
3. AC series with ±0.5% tolerance is also
available. For further information, please
contact sales.
Resistance rule of global part
number
Resistance coding
rule
Example
XRXX
(1 to 9.76Ω)
1R = 1Ω
1R5 = 1.5Ω
9R76 = 9.76Ω
XXRX
(10 to 97.6Ω)
10R = 10Ω
97R6 = 97.6Ω
XXXR
(100 to 976Ω)
100R = 100Ω
976R = 976Ω
XKXX
(1 to 9.76 KΩ)
1K = 1,000Ω
9K76 = 9760Ω
XMXX
(1 to 9.76 MΩ)
1M = 1,000,000Ω
9M76= 9,760,000Ω
XXMX
(10 MΩ)
10M = 10,000,000Ω
GLOBAL PART NUMBER
AC XXXX X X X XX XXXX L
(1)
(2) (3) (4)
(5)
(6)
(7)
(1) SIZE
0201/ 0402 / 0603 / 0805 / 1206 / 1210 / 1218 / 2010 / 2512
(2) TOLERANCE
D = ± 0.5%
F = ± 1%
J = ± 5% (for Jumper ordering, use code of J)
(3) PACKAGING TYPE
R = Paper taping reel
K = Embossed taping reel
(4) TEMPERATURE COEFFICIENT OF RESISTANCE
– = Base on spec
(5) TAPING REEL
07 = 7 inch dia. Reel & Standard power
10 = 10 inch dia. Reel
13 = 13 inch dia. Reel
7W = 7 inch dia. Reel & 2 x standard power
3W = 13 inch dia. Reel & 2 x standard power
(6) RESISTANCE VALUE
1Ω to 22 MΩ
There are 2~4 digits indicated the resistance value. Letter R/K/M is decimal point, no
need to mention the last zero after R/K/M, e.g.1K2, not 1K20.
Detailed coding rules of resistance are shown in the table of “Resistance rule of
global part number”.
(7) DEFAULT CODE
Letter L is the system default code for ordering only. (Note)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com