Electronic Components Datasheet Search
  English  ▼

X  

AC2010 Datasheet(PDF) 5 Page - YAGEO Corporation

Part # AC2010
Description  THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AC2010 Datasheet(HTML) 5 Page - YAGEO Corporation

  AC2010 Datasheet HTML 1Page - YAGEO Corporation AC2010 Datasheet HTML 2Page - YAGEO Corporation AC2010 Datasheet HTML 3Page - YAGEO Corporation AC2010 Datasheet HTML 4Page - YAGEO Corporation AC2010 Datasheet HTML 5Page - YAGEO Corporation AC2010 Datasheet HTML 6Page - YAGEO Corporation AC2010 Datasheet HTML 7Page - YAGEO Corporation AC2010 Datasheet HTML 8Page - YAGEO Corporation AC2010 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Chip Resistor Surface Mount
www.yageo.com
Aug. 02, 2022 V.9
Product specification
5
12
SERIES
AC
0201 to 2512
TYPE
POWER
CHARACTERISTICS
Operating
Temperature
Range
Max.
Working
Voltage
Max.
Overload
Voltage
Dielectric
Withstanding
Voltage
Resistance
Range
Temperature
Coefficient
Jumper
Criteria
AC0201
1/20 W
-55 °C to
155 °C
25V
50V
50V
5% (E24)
1Ω ≤ R ≤ 10MΩ
1% (E24/E96)
1Ω ≤ R ≤ 10MΩ
0.5% (E24/E96)
10Ω ≤ R ≤ 1MΩ
Jumper<50mΩ
1Ω ≤ R ≤ 10Ω
-100/+350ppm℃
10Ω < R ≤ 10M
± 200ppm°C
Rated Current
0.5A
Maximum
Current
1.0A
AC0402
1/16 W
-55 °C to
155 °C
50V
100V
100V
5% (E24)
1Ω ≤ R ≤ 22MΩ
0.5%, 1% (E24/E96)
1Ω ≤ R ≤ 10MΩ
Jumper<50mΩ
1Ω ≤ R ≤ 10Ω
± 200ppm°C
10Ω < R ≤ 10MΩ
± 100ppm°C
10MΩ < R ≤ 22MΩ
± 200ppm°C
Rated Current
1A
Maximum
Current
2A
1/8W
-55 °C to
155 °C
75V
100V
100V
5% (E24)
1Ω ≤ R ≤ 10MΩ
0.5%, 1% (E24/E96)
1Ω ≤ R ≤ 10MΩ
1Ω ≤ R ≤ 10Ω
± 200 ppm°C
10Ω < R ≤ 10MΩ
± 100 ppm°C
AC0603
1/10 W
-55 °C to
155 °C
75V
150V
150V
5% (E24)
1Ω ≤ R ≤ 22MΩ
0.5%, 1% (E24/E96)
1Ω ≤ R ≤ 10MΩ
Jumper<50mΩ
1Ω ≤ R ≤ 10Ω
± 200ppm°C
10Ω < R ≤ 10MΩ
± 100ppm°C
10MΩ < R ≤ 22MΩ
± 200ppm°C
Rated Current
1A
Maximum
Current
2A
1/5 W
-55 °C to
155 °C
75V
150V
150V
5% (E24)
1Ω ≤ R ≤ 10MΩ
0.5%, 1% (E24/E96)
1Ω ≤ R ≤ 10MΩ
1Ω ≤ R ≤ 10Ω
± 200 ppm°C
10Ω < R ≤ 10MΩ
± 100 ppm°C
ELECTRICAL CHARACTERISTICS
Table 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com