Electronic Components Datasheet Search
  English  ▼

X  

7805 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 7805
Description  Linear Voltage Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

7805 Datasheet(HTML) 1 Page - Silicon Supplies

  7805 Datasheet HTML 1Page - Silicon Supplies 7805 Datasheet HTML 2Page - Silicon Supplies 7805 Datasheet HTML 3Page - Silicon Supplies 7805 Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Linear Voltage Regulator – 7805
Positive Fixed 5V Voltage Regulator in bare die form
±5% VOUT tolerance over entire temperature range
Greater than 1A output current capability
Internal thermal overload protection
Internal short-circuit current limit
Output capacitor not essential for stability
Full Military temperature range
Negative voltage complement is 7905
Rev 1.0
17/06/25
Features:
Ordering Information
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
“H” - MIL-STD-883 /2010B Visual Inspection
+ MIL-PRF-38534 Class H LAT
“K” - MIL-STD-883 /2010A Visual Inspection (Space)
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
Description
The 7805 5V fixed 3-terminal positive voltage regulator
delivers up to 1.5A of output current with adequate
heat-sinking. The device is equipped with internal
limiting, safe-area compensation + thermal shutdown
features for overload immunity. The 7805 can be used
with external components to obtain adjustable voltages
or currents & can also be used as the power-pass
element in precision high-current voltage regulators.
No external components are needed other than to
enhance performance or increase design flexibility.
Die Dimensions in µm (mils)
1860 (73)
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (100 per tray capacity)
Die Size (Unsawn)
1860 x 1580
73 x 62
µm
mils
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Tape & Reel – On request
In Metal or Ceramic package – On request
165 x 165
Minimum Bond Pad Size
6.49 x 6.49
µm
mils
Die Thickness
280 (±20)
11.02 (±0.79)
µm
mils
Top Metal Composition
Al-Si-Cu
Back Metal Composition
Ti/Ni/Ag
Page 1 of 4
www.siliconsupplies.com


Similar Part No. - 7805

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
7805 KEC-7805 Datasheet
382Kb / 20P
THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
7805 ETC-7805 Datasheet
125Kb / 1P
THREE-TERMINAL POSITIVE VOLTAGE REGULATOR IC
7805 ETC1-7805 Datasheet
253Kb / 2P
LINEAR INTEGRATED CIRCUITS 3-TERMINAL VOLATGE REGULATORS
7805 ETC2-7805 Datasheet
515Kb / 1P
QUICK-FIT TERMINALS
7805 ETC2-7805 Datasheet
105Kb / 4P
Coax - RG-174 Type
More results

Similar Description - 7805

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
LA0001C SSDI-LA0001C Datasheet
204Kb / 3P
Linear Voltage Regulator
LA0001C SSDI-LA0001C_15 Datasheet
204Kb / 3P
Linear Voltage Regulator
logo
Silicon Supplies
7805AC SS-7805AC Datasheet
711Kb / 5P
Linear Voltage Regulator
7808 SS-7808 Datasheet
441Kb / 5P
Linear Voltage Regulator
7809 SS-7809 Datasheet
481Kb / 5P
Linear Voltage Regulator
7812 SS-7812 Datasheet
442Kb / 5P
Linear Voltage Regulator
7812AC SS-7812AC Datasheet
442Kb / 5P
Linear Voltage Regulator
7815 SS-7815 Datasheet
481Kb / 5P
Linear Voltage Regulator
7905AC SS-7905AC Datasheet
423Kb / 5P
Linear Voltage Regulator
SIS1084L-ADJ SS-SIS1084L-ADJ Datasheet
299Kb / 4P
Linear Voltage Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com