Electronic Components Datasheet Search
  English  ▼

X  

7805 Datasheet(PDF) 3 Page - Silicon Supplies

Part # 7805
Description  Linear Voltage Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

7805 Datasheet(HTML) 3 Page - Silicon Supplies

  7805 Datasheet HTML 1Page - Silicon Supplies 7805 Datasheet HTML 2Page - Silicon Supplies 7805 Datasheet HTML 3Page - Silicon Supplies 7805 Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Linear Voltage Regulator – 7805
Rev 1.0
17/06/25
Absolute Maximum Ratings1
PARAMETER
SYMBOL
VALUE
UNIT
Input Voltage
VIN
35
V
Power Dissipation
2
PD
Internally Limited
W
Operating Temperature Range
-
-55 to 125
°C
Maximum Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-65 to 150
°C
PARAMETER
SYMBOL
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage
VOUT
TJ = 25°C
4.9
5.0
5.1
V
5mA ≤ IOUT ≤ 1A,
7.5V ≤ VIN ≤ 20V, PD ≤ 15 Watts
4.85
-
5.15
Line Regulation
ΔVOUT
7V ≤ VIN ≤ 25V, TJ = 25°C
-
-
50
mV
7.5V ≤ VIN ≤ 20V, TJ = 25°C,
IOUT = 1A
-
-
50
Load Regulation
ΔVOUT
5mA ≤ IOUT ≤ 1.5A, TJ = 25°C
-
-
100
0.25A ≤ IOUT ≤ 0.75A, TJ = 25°C
-
-
50
Input Bias Current
IB
-
-
8
mA
Input Bias Current
Change
ΔIB
7.5V ≤ VIN ≤ 25V
-
-
1
mA
5mA ≤ IOUT ≤ 1A, TJ = 25°C
-
-
0.5
Output Noise
Voltage
Vn
10Hz ≤ f ≤ 100KHz, TJ = 25°C
-
10
-
µV/VOUT
Ripple Rejection
RR
8V ≤ VIN ≤ 18V, f = 120Hz,
59
80
-
dB
Dropout Voltage
VIN – VOUT
IOUT = 1A, TJ = 25°C
-
2
-
V
Output Resistance
rOUT
f = 1 kHz
-
0.9
-
mΩ
Short-Circuit
Current Limit
ISC
VIN = 35V, TA = 25°C
-
0.2
-
A
Peak Output Current
IMAX
TJ = 25°C
-
1.8
-
A
Avg. Output Voltage
Temp. Coefficient
TCVOUT
-
-0.4
-
mV/°C
1. Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for
extended periods, may reduce device reliability. 2. Results in die form are dependent on die attach and assembly method. Max
power dissipation is internally limited by the die.
MIN
MAX
UNIT
Input Voltage
VIN
7
25
V
Output Current
IOUT
-
1.5
A
Operating Temperature Range
TJ
-55
125
°C
Recommended Operating Conditions
DC Electrical Characteristics, V
l =10V, lOUT=500mA,CI=0.33µF, CO=0.1µf, TMIN≤TJ≤TMAX(unless noted otherwise)
Page 3 of 4
www.siliconsupplies.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com