Electronic Components Datasheet Search
  English  ▼

X  

LM25005 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM25005
Description  LM25005 42V, 2.5A Step-Down Switching Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM25005 Datasheet(HTML) 4 Page - Texas Instruments

  LM25005 Datasheet HTML 1Page - Texas Instruments LM25005 Datasheet HTML 2Page - Texas Instruments LM25005 Datasheet HTML 3Page - Texas Instruments LM25005 Datasheet HTML 4Page - Texas Instruments LM25005 Datasheet HTML 5Page - Texas Instruments LM25005 Datasheet HTML 6Page - Texas Instruments LM25005 Datasheet HTML 7Page - Texas Instruments LM25005 Datasheet HTML 8Page - Texas Instruments LM25005 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LM25005
SNVS411C – JANUARY 2006 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics
Specifications with standard typeface are for TJ = 25°C, and those with boldface type apply over full Operating Junction
Temperature range. VIN = 24V, RT = 32.4kΩ unless otherwise stated.
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
STARTUP REGULATOR
VccReg
Vcc Regulator Output
6.85
7.15
7.45
V
Vcc LDO Mode turn-off
9
V
Vcc Current Limit
Vcc = 0V
20
mA
VCC SUPPLY
Vcc UVLO Threshold
(Vcc increasing)
5.95
6.35
6.75
V
Vcc Undervoltage Hysteresis
1
V
Bias Current (Iin)
FB = 1.3V
3
4.5
mA
Shutdown Current (Iin)
SD = 0V
50
85
µA
SHUTDOWN THRESHOLDS
Shutdown Threshold
(SD Increasing)
0.5
0.7
0.9
V
Shutdown Hysteresis
0.1
V
Standby Threshold
(Standby Increasing)
1.18
1.225
1.27
V
Standby Hysteresis
0.1
V
SD Pull-up Current Source
5
µA
SWITCH CHARACTERSICS
Buck Switch Rds(on)
160
320
m
Ω
BOOST UVLO
3.8
V
BOOST UVLO Hysteresis
0.56
V
Pre-charge Switch Rds(on)
75
Ω
Pre-charge Switch on-time
275
ns
CURRENT LIMIT
Cycle by Cycle Current Limit
RAMP = 0V
3
3.5
4.25
A
Cycle by Cycle Current Limit Delay
RAMP = 2.5V
100
ns
SOFT-START
SS Current Source
7
10
14
µA
OSCILLATOR
Frequency1
180
200
220
KHz
Frequency2
RT = 11k
Ω
425
485
525
KHz
SYNC Source Impedance
10
k
Ω
SYNC Sink Impedance
160
Ω
SYNC Threshold (falling)
1.4
V
Upper SYNC Frequency
550
KHz
SYNC Pulse Width Minimum
15
ns
RAMP GENERATOR
Ramp Current 1
Vin = 36V, Vout=10V
136
160
184
µA
Ramp Current 2
Vin = 10V, Vout=10V
18
25
32
µA
PWM COMPARATOR
Forced Off-time
500
ns
Min On-time
80
ns
COMP to PWM Comparator Offset
0.7
V
(1)
Min and Max limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate Average Outgoing Quality Level (AOQL).
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM25005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com