Electronic Components Datasheet Search
  English  ▼

X  

LM25005 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM25005
Description  LM25005 42V, 2.5A Step-Down Switching Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM25005 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM25005 Datasheet HTML 7Page - Texas Instruments LM25005 Datasheet HTML 8Page - Texas Instruments LM25005 Datasheet HTML 9Page - Texas Instruments LM25005 Datasheet HTML 10Page - Texas Instruments LM25005 Datasheet HTML 11Page - Texas Instruments LM25005 Datasheet HTML 12Page - Texas Instruments LM25005 Datasheet HTML 13Page - Texas Instruments LM25005 Datasheet HTML 14Page - Texas Instruments LM25005 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
SYNC
10k
S
R
Q
Q
DEADTIME
ONE-SHOT
5V
2.5V
I = f(RT)
LM25005
www.ti.com
SNVS411C – JANUARY 2006 – REVISED MARCH 2013
Figure 12. Simplified Oscillator Block Diagram and SYNC I/O Circuit
Error Amplifier and PWM Comparator
The internal high gain error amplifier generates an error signal proportional to the difference between the
regulated output voltage and an internal precision reference (1.225V). The output of the error amplifier is
connected to the COMP pin allowing the user to provide loop compensation components, generally a type II
network, as illustrated in Typical Application Circuit and Block Diagram. This network creates a pole at DC, a
zero and a noise reducing high frequency pole. The PWM comparator compares the emulated current sense
signal from the RAMP generator to the error amplifier output voltage at the COMP pin.
RAMP Generator
The ramp signal used in the pulse width modulator for current mode control is typically derived directly from the
buck switch current. This switch current corresponds to the positive slope portion of the output inductor current.
Using this signal for the PWM ramp simplifies the control loop transfer function to a single pole response and
provides inherent input voltage feed-forward compensation. The disadvantage of using the buck switch current
signal for PWM control is the large leading edge spike due to circuit parasitics that must be filtered or blanked.
Also, the current measurement may introduce significant propagation delays. The filtering, blanking time and
propagation delay limit the minimum achievable pulsewidth. In applications where the input voltage may be
relatively large in comparison to the output voltage, controlling small pulsewidths and duty cycles is necessary for
regulation. The LM25005 utilizes a unique ramp generator, which does not actually measure the buck switch
current but rather reconstructs the signal. Reconstructing or emulating the inductor current provides a ramp
signal to the PWM comparator that is free of leading edge spikes and measurement or filtering delays. The
current reconstruction is comprised of two elements; a sample & hold DC level and an emulated current ramp.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM25005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com