Electronic Components Datasheet Search
  English  ▼

X  

LM3538 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM3538
Description  LM3538 6-Channel WLED Driver with Four Integrated LDOs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3538 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3538 Datasheet HTML 7Page - Texas Instruments LM3538 Datasheet HTML 8Page - Texas Instruments LM3538 Datasheet HTML 9Page - Texas Instruments LM3538 Datasheet HTML 10Page - Texas Instruments LM3538 Datasheet HTML 11Page - Texas Instruments LM3538 Datasheet HTML 12Page - Texas Instruments LM3538 Datasheet HTML 13Page - Texas Instruments LM3538 Datasheet HTML 14Page - Texas Instruments LM3538 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
LM3538
www.ti.com
SNVS674A – JUNE 2011 – REVISED MAY 2013
Typical Performance Characteristics (continued)
Unless otherwise specified: VIN_A,B,C = 3.6V, CIN_A = COUT = 1.0µF, CIN_B = 0.1µF, CIN_C = 4.7µF, C1 = C2= 1.0µF, CLDOx=
1.0µF, TA = 25°C.
Quiescent Current
Quiescent Current
vs
vs
Input Voltage
Input Voltage 3/2× Gain
1× Gain
3/2× Gain
Figure 14.
Figure 15.
Charge Pump 1.5x Efficiency
LED Current Matching Distribution.
vs
6 Drivers on Group A, Output Set to 25 mA.(1)
Load Current
Figure 16.
Figure 17.
(1)
For the two groups of current sinks on a part (Group A and Group B), the following are determined: the maximum sink current in the
group (MAX), the minimum sink current in the group (MIN), and the average sink current of the group (AVG). For each group, two
matching numbers are calculated: (MAX-AVG)/AVG and (AVG-MIN)/AVG. The largest number of the two (worst case) is considered the
matching figure for the group. The matching figure for a given part is considered to be the highest matching figure of the two groups.
The typical specification provided is the most likely norm of the matching figure for all parts.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3538



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com