Electronic Components Datasheet Search
  English  ▼

X  

LM3538 Datasheet(PDF) 14 Page - Texas Instruments

Part # LM3538
Description  LM3538 6-Channel WLED Driver with Four Integrated LDOs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3538 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM3538 Datasheet HTML 10Page - Texas Instruments LM3538 Datasheet HTML 11Page - Texas Instruments LM3538 Datasheet HTML 12Page - Texas Instruments LM3538 Datasheet HTML 13Page - Texas Instruments LM3538 Datasheet HTML 14Page - Texas Instruments LM3538 Datasheet HTML 15Page - Texas Instruments LM3538 Datasheet HTML 16Page - Texas Instruments LM3538 Datasheet HTML 17Page - Texas Instruments LM3538 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
LM3538
SNVS674A – JUNE 2011 – REVISED MAY 2013
www.ti.com
Table 1. ALS Resistor Values (continued)
r_als[4]
r_als[3]
r_als[2]
r_als[1]
r_als[0]
RALS (typ) Value
Unit
1
1
0
0
1
0.806
k
Ω
1
1
0
0
0
0.840
k
Ω
1
0
1
1
1
0.876
k
Ω
1
0
1
1
0
0.916
k
Ω
1
0
1
0
1
0.960
k
Ω
1
0
1
0
0
1.01
k
Ω
1
0
0
1
1
1.06
k
Ω
1
0
0
1
0
1.12
k
Ω
1
0
0
0
1
1.19
k
Ω
1
0
0
0
0
1.26
k
Ω
0
1
1
1
1
1.34
k
Ω
0
1
1
1
0
1.44
k
Ω
0
1
1
0
1
1.55
k
Ω
0
1
1
0
0
1.68
k
Ω
0
1
0
1
1
1.83
k
Ω
0
1
0
1
0
2.02
k
Ω
0
1
0
0
1
2.24
k
Ω
0
1
0
0
0
2.52
k
Ω
0
0
1
1
1
2.88
k
Ω
0
0
1
1
0
3.36
k
Ω
0
0
1
0
1
4.03
k
Ω
0
0
1
0
0
5.00
k
Ω
0
0
0
1
1
6.72
k
Ω
0
0
0
1
0
10.1
k
Ω
0
0
0
0
1
20.2
k
Ω
0
0
0
0
0
HighZ
--
Automatic Gain Change
GPO pins of the LM3538 can be configured to serve as a gain control interface for sensors with HW controlled
gain, like ROHM BH1600-series. Please see Table 2. LM3538 changes sensor gain automatically based on
ambient light intensity changes.
Table 2. Sensor Gain Control
REGISTER SETTING
OUTPUT PIN STATUS
GPO1
GPO2
autogain_en = "0"
Can be set to "1" or "0" with REG 52H, bit
Can be set to "1" or "0" with REG 52H, bit
gpo1
gpo2
autogain_en = "1" (enables autogain
0
1
functionality)
LOW GAIN
autogain_en = "1" (enables autogain
1
0
functionality)
HIGH GAIN
14
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM3538



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com