Electronic Components Datasheet Search
  English  ▼

X  

ADL5541 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5541
Description  50 MHz to 6 GHz RF/IF Gain Block
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5541 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5541 Datasheet HTML 4Page - Analog Devices ADL5541 Datasheet HTML 5Page - Analog Devices ADL5541 Datasheet HTML 6Page - Analog Devices ADL5541 Datasheet HTML 7Page - Analog Devices ADL5541 Datasheet HTML 8Page - Analog Devices ADL5541 Datasheet HTML 9Page - Analog Devices ADL5541 Datasheet HTML 10Page - Analog Devices ADL5541 Datasheet HTML 11Page - Analog Devices ADL5541 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADL5541
Rev. 0 | Page 9 of 12
30
0
37.0
OIP3 (dBm)
25
20
15
10
5
38.5
40.0
41.5
43.0
Figure 9. OIP3 Distribution at 900 MHz
25
0
19.4
P1dB (dBm)
20
15
10
5
19.5
19.6
19.7
19.8
19.9
20.0
20.1
Figure 10. P1dB Distribution at 900 MHz
25
0
15.08
GAIN (dB)
20
15
10
5
15.11
15.14
15.17
15.20
15.23
15.26
Figure 11. Gain Distribution at 900 MHz
30
0
3.30
3.36
3.42
3.48
3.54
3.60
3.66
3.72
3.78
NOISE FIGURE (dB)
25
20
15
10
5
Figure 12. Noise Figure Distribution at 900 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com