Electronic Components Datasheet Search
  English  ▼

X  

ADL5541 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5541
Description  50 MHz to 6 GHz RF/IF Gain Block
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5541 Datasheet(HTML) 3 Page - Analog Devices

  ADL5541 Datasheet HTML 1Page - Analog Devices ADL5541 Datasheet HTML 2Page - Analog Devices ADL5541 Datasheet HTML 3Page - Analog Devices ADL5541 Datasheet HTML 4Page - Analog Devices ADL5541 Datasheet HTML 5Page - Analog Devices ADL5541 Datasheet HTML 6Page - Analog Devices ADL5541 Datasheet HTML 7Page - Analog Devices ADL5541 Datasheet HTML 8Page - Analog Devices ADL5541 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADL5541
Rev. 0 | Page 3 of 12
SPECIFICATIONS
VPOS = 5 V and TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
50
6000
MHz
Gain (S21)
900 MHz
15.2
dB
Input Return Loss (S11)
Frequency 500 MHz to 5 GHz
−12
dB
Output Return Loss (S22)
Frequency 500 MHz to 5 GHz
−10
dB
Reverse Isolation (S12)
−19
dB
FREQUENCY = 100 MHz
Gain
15.7
dB
Output 1 dB Compression Point
19
dBm
Output Third-Order Intercept
Δf = 1 MHz, output power (POUT) = 0 dBm per tone
38
dBm
Noise Figure
3.5
dB
FREQUENCY = 500 MHz
Gain
14.7
15.1
15.5
dB
vs. Frequency
±50 MHz
±0.15
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.1
dB
vs. Supply
4.75 V to 5.25 V
±0.01
dB
Output 1 dB Compression Point
19.9
dBm
Output Third-Order Intercept
Δf = 1 MHz, output power (POUT) = 3 dBm per tone
44
dBm
Noise Figure
3.5
3.7
dB
FREQUENCY = 900 MHz
Gain
14.9
15.2
15.4
dB
vs. Frequency
±50 MHz
±0.03
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.15
dB
vs. Supply
4.75 V to 5.25 V
±0.01
dB
Output 1 dB Compression Point
19.7
dBm
Output Third-Order Intercept
Δf = 1 MHz, output power (POUT) = 0 dBm per tone
40.8
dBm
Noise Figure
3.5
3.7
dB
FREQUENCY = 2000 MHz
Gain
13.9
14.7
15.4
dB
vs. Frequency
±50 MHz
±0.03
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.17
dB
vs. Supply
4.75 V to 5.25 V
±0.01
dB
Output 1 dB Compression Point
16.3
dBm
Output Third-Order Intercept
Δf = 1 MHz, output power (POUT) = 0 dBm per tone
39.2
dBm
Noise Figure
3.8
4.0
dB
FREQUENCY = 2400 MHz
Gain
13.9
14.5
15.1
dB
vs. Frequency
±50 MHz
±0.03
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.19
dB
vs. Supply
4.75 V to 5.25 V
±0.02
dB
Output 1 dB Compression Point
14.9
dBm
Output Third-Order Intercept
Δf = 1 MHz, output power (POUT) = 0 dBm per tone
38.6
dBm
Noise Figure
4.0
4.2
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com