Electronic Components Datasheet Search
  English  ▼

X  

MBF 16 Datasheet(PDF) 7 Page - Phoenix Mecano S.E. Asia Pte Ltd

Part # MBF 16
Description  Cable glands / General Accessories
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOPLA [Phoenix Mecano S.E. Asia Pte Ltd]
Direct Link  https://www.bopla.de/en/
Logo BOPLA - Phoenix Mecano S.E. Asia Pte Ltd

MBF 16 Datasheet(HTML) 7 Page - Phoenix Mecano S.E. Asia Pte Ltd

Back Button MBF 16 Datasheet HTML 3Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 16 Datasheet HTML 4Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 16 Datasheet HTML 5Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 16 Datasheet HTML 6Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 16 Datasheet HTML 7Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 16 Datasheet HTML 8Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 16 Datasheet HTML 9Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 16 Datasheet HTML 10Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 16 Datasheet HTML 11Page - Phoenix Mecano S.E. Asia Pte Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Cable glands
Pressure compensation gland MBF, polyamide light grey, IP 66/67
Model
Order no.
Colour
Note
DAE-MBF 12
12004100
Light grey M12 x 1,5; cable diameter 4-7 mm
DAE-MBF 16
12004200
Light grey M16 x 1,5; cable diameter 4-7 mm
DAE-MBF 20
12004300
Light grey M20 x 1.5; cable diameter 6-11 mm
Pressure compensation gland MSBF, nickel-plated brass, IP 66/67
Model
Order no.
Note
DAE-MSBF 12
13004100
M12 x 1,5; cable diameter 4-7 mm
DAE-MSBF 16-1
13004200
M16 x 1,5; cable diameter 4-7 mm
DAE-MSBF 16-2
13004250
M16 x 1.5; cable diameter 5-9 mm
DAE-MSBF 20
13004300
M20 x 1.5; cable diameter 6-11 mm
Plug-in cable gland, polyamide light grey, IP 66/68
Model
Order no.
Note
S-MBF 16
12003200
Drill hole ø 16.3; cable diameter 5-10 mm
S-MBF 20
12003300
Drill hole ø 20.3; cable diameter 6-12 mm
S-MBF 25
12003400
Drill hole ø 25.3; cable diameter 11-17 mm
S-MBF 32
12003500
Drill hole ø 32.3; cable diameter 15-21 mm
S-MBF WZ16
12003201
Dismantling tool for S-MBF 16
S-MBF WZ20
12003301
Dismantling tool for S-MBF 20
S-MBF WZ25
12003401
Dismantling tool for S-MBF 25
S-MBF WZ32
12003501
Dismantling tool for S-MBF 32
Metric cable glands MBF, polyamide, light grey, IP 68 (5 bar, 30 min)
Model
Order no.
Note
MBF 12
12002100
M12 x 1.5; cable diameter 3-6 mm
MBF 16
12002200
M16 x 1.5; cable diameter 5-10 mm
MBF 20
12002300
M20 x 1.5; cable diameter 8-13 mm
MBF 25
12002400
M25 x 1.5; cable diameter 11-17 mm
MBF 32
12002500
M32 x 1.5; cable diameter 15-21 mm
MBF 40
12002600
M40 x 1.5; cable diameter 19-28 mm
Metric cable glands with anti-kink protection MBFK, polyamide, light grey, IP 68 (5
bar, 30 min)
Model
Order no.
Note
MBFK 12
12002103* M12 x 1.5; cable diameter 3-6.5 mm
MBFK 16
12002210* M16 x 1.5; cable diameter 5-10 mm
MBFK 20-1
12002303* M20 x 1.5; cable diameter 6-12 mm
MBFK 20-2
12002306* M20 x 1.5; cable diameter 10-14 mm
MBFK 25
12002401* M25 x 1.5; cable diameter 13-18 mm
Cable gland with slotted sealing insert, polyamide light grey, IP 66/68
Model
Order no.
Note
MBF 20-RJ45
12002418
Max. connector ø 14.5 mm, cable ø 3-6 mm
MBF 25C-USB
12002414
Max. connector ø 17.0 mm, cable ø 3-8 mm
MBF 25-USB
12002404
Max. connector ø 18.5 mm, cable ø 3-8 mm
Notes: With slitted sealing insert for mounting cables with a connector.
6
* = Available on request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com