Electronic Components Datasheet Search
  English  ▼

X  

MBF 16 Datasheet(PDF) 17 Page - Phoenix Mecano S.E. Asia Pte Ltd

Part # MBF 16
Description  Cable glands / General Accessories
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOPLA [Phoenix Mecano S.E. Asia Pte Ltd]
Direct Link  https://www.bopla.de/en/
Logo BOPLA - Phoenix Mecano S.E. Asia Pte Ltd

MBF 16 Datasheet(HTML) 17 Page - Phoenix Mecano S.E. Asia Pte Ltd

Back Button MBF 16 Datasheet HTML 13Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 16 Datasheet HTML 14Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 16 Datasheet HTML 15Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 16 Datasheet HTML 16Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 16 Datasheet HTML 17Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 16 Datasheet HTML 18Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 16 Datasheet HTML 19Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 16 Datasheet HTML 20Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 16 Datasheet HTML 21Page - Phoenix Mecano S.E. Asia Pte Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
General Accessories
Handle HS 1; side parts: black plastic; handle profile: natural-coloured anodised
aluminium
Model
Order no.
Colour
Note
HS 1-9005
20008073
Black, similar to RAL 9005 Side parts
HSP 1-1000
20008075
Natural-coloured anodised Handle profile, length: 1000 mm
Scope Of Delivery: Handle side parts (PA6), seals, screws
Scope of delivery HSP: profile (aluminium)
Notes: Because it swivels (fixed latching position every 30°), the handle can be used both for carrying purposes or
as a set-up bow for desktop use. Handles HS1 and HS2 consist of 2 side parts and 1 profile. In order to guarantee
customer-specific usage, side parts and profile are ordered separately. In this way, the handle lengths can be
adjusted to fit any enclosure. On request we can supply the required profile length and carry out the necessary
processing on the enclosure. The maximum load is 300 N; ingress protection max. IP 65 / DIN EN 60529,
depending on installation arrangement.
Handle HS 2; side parts: black plastic; handle profiles: natural-coloured anodised
aluminium (AE) / black anodised (SE)
Model
Order no.
Colour
Note
HS 2-9005
20008074
Black, similar to RAL 9005 Side parts
HSP 2-1000-AE
20008076
Natural-coloured anodised Handle profile, length: 1000 mm
HSP 2-1000-SE
20008077
Black anodised
Handle profile, length: 1000 mm
Scope Of Delivery: 2 side parts, screws
Scope of delivery HSP: 1m profile
Notes: Because the handle swivels (fixed detent position every 15°), it can be used as a carrying handle and also
as a tip-up bow for console use. Handles HS1 and HS2 consist of two side parts and a profile. In order to
guarantee customer-specific application, the side parts and profile can be ordered separately. This makes it
possible to adapt the length of the handles to any enclosure. On request we can supply the required profile length
and carry out the necessary processing on the enclosure. The maximum load is 150 N; protection class IP 40 / DIN
EN 60529 - depending on installation situation, higher protection class is available on request.
Universal DIN rail holder TSH 35, polyamide
Model
Order no.
Colour
TSH 35
22035000
Black, similar to RAL 9005
Scope Of Delivery: 1 DIN rail holder, screws for enclosure mounting
Notes: This DIN rail holder consists of a base and a bolt. The bolt can be snapped into the base in different
positions. This makes it ideal for use with enclosure heights between 70 mm and 160 mm. It is fitted
approximately in the middle of the enclosure, and the bolt projecting from the enclosure base can be disconnected
from the rail by means of a screwdriver in the normal way. For assembly, insert the screws (enclosed) from the
inside of the enclosure. This guarantees full insulation protection. On small enclosures, the part of the bolt which
projects upwards can be pinched off. In the case of very wide enclosures, it may be necessary to fit two DIN rail
holders.
Universal DIN rail holder TSH 35-2, polyamide
Model
Order no.
Colour
TSH 35-2
20035000
Black, similar to RAL 9005
Scope Of Delivery: 2 DIN rail holders, 4 screws for enclosure mounting
Notes: You can use this universal DIN rail holder to clip or unclip enclosures with an extremely wide range of
dimensions onto or from the DIN rail. This DIN rail holder can be screwed universally to every enclosure. It is
necessary to process the enclosure.
16
* = Available on request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com