Electronic Components Datasheet Search
  English  ▼

X  

PM400 Datasheet(PDF) 1 Page - TT Electronics.

Part # PM400
Description  PM400 Medical & ITE Power Supplies Series (400W)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PM400 Datasheet(HTML) 1 Page - TT Electronics.

  PM400 Datasheet HTML 1Page - TT Electronics. PM400 Datasheet HTML 2Page - TT Electronics. PM400 Datasheet HTML 3Page - TT Electronics. PM400 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© TT Electronics plc
General Note
All data sheets are subject to change without notice.
TT Electronics | Power Partners, Inc
43 Broad Street Suite B206, Hudson, MA 01749, USA. t: +1 (978) 567-9600
SL-xxx-xxx ISS.6 22/07/2020 Page: 1
Description:
The PM400 series of AC-DC switching power supplies in a package of 4 X 7 X 1.58 inches are capable of delivering 400 watts of continuous
power at 7 CFM forced air cooling or 300 watts at convection cooling. The units are constructed on a printed circuit board with a U–
bracket for mechanical support and heat sinking. A cover and fan assembly can be added during manufacturing for 400 watt output
without the change of any dimension. They are designed for medical applications. The units are certified also to IEC/EN/ UL 60950-1 and
suitable for data networking, industrial and telecommunication applications.
Features:
•
BF Class insulation
•
Operation altitude up to 5000 meters
•
Suitable for both Class I and Class II applications*
•
2 x 4 inch foot print with 1.3 inch low profile
•
Less than 2 75 μA leakage current
•
Wide input range 80-264 VAC
•
Meet EN55011 /55022 and FCC Class B
•
Power Factor 0.98 typical
•
100% burn-in at full load
•
Short –circuit protection
•
Over-temperature protection
•
Power Fail Detect (PFD) signal (optional)
•
Compliant with RoHS Requirements
•
No load power consumption less than 0. 5W without PFD or 1W with PFD
Model
1 Class II
Output
Efficiency
(typical)
@115/230 Vac
V1
Min
Current
Max. Current
at convection
Max. Current
at 7.5 CFM
(2)
Tol
Ripple &
Noise
4
Max. Output
Power
3
PM400-12B
PM400-13B
12V
15V
0.1A
0.1A
25.00A
20.00A
33.34A
26.67A
±2%
±2%
120mV
150mV
300 W/ 400 W
300 W/400 W
90/92%
90/92%
PM400-13-1B
PM400-14B
18V
24V
0.1A
0.1A
16.67A
12.50A
22.23A
16.67A
±2%
±2%
180mV
240mV
300 W/ 400W
300W /400W
91/92%
89/91%
PM400-15B
PM400-17B
28V
36V
0.1A
0.1A
10.72A
8.34A
14.29A
11.12A
±2%
±2%
280mV
360mV
300 W/ 400 W
300 W/ 400 W
89/91%
90/92%
PM400-18B
48V
0.1A
6.25A
8.34A
±2%
480mV
300 W/ 400 W
90/93%
NOTES:
1.
Dimensions shown in inches [mm]
2.
Tolerance 0.02 [0.5] maximum
3.
Input connector P1 is Dinkle terminal P/N DT-35-B01W-03, with nickel plated M3 screws.
4.
P2, P3: M4 x 0.7 screw connectors
5.
Connector P4: Molex header 87833-08 or equivalent, mating with Molex housing 51110-0850 or equivalent.
6.
Fan connector P5: JST header S2B-ZR-3.4 or equivalent, mating with JST housing ZHR-2 or equivalent.
7.
Weight: 1.0 Kg (2.23 lbs.) approx. for U-bracket form, 1.14 Kgs. (2.52 lbs.) approx. for enclosed form 8. Maximum penetration depth
of fixing screws is 4 mm from the outer surface of chassis.


Similar Part No. - PM400

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
PM400-04HA PREMO-PM400-04HA Datasheet
378Kb / 5P
Common mode chokes with Ferrite cores
PM400-06HB PREMO-PM400-06HB Datasheet
378Kb / 5P
Common mode chokes with Ferrite cores
logo
Mitsubishi Electric Sem...
PM400DAS060 MITSUBISHI-PM400DAS060 Datasheet
925Kb / 6P
USING INTELLIGENT POWER MODULES
PM400DSA060 MITSUBISHI-PM400DSA060 Datasheet
63Kb / 6P
FLAT-BASE TYPE INSULATED PACKAGE
logo
Powerex Power Semicondu...
PM400DSA060 POWEREX-PM400DSA060 Datasheet
79Kb / 6P
Intellimod??Module Single Phase IGBT Inverter Output (400 Amperes/600 Volts)
More results

Similar Description - PM400

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMC40 TRUMPOWER-TMC40 Datasheet
137Kb / 2P
30-48 WATT MEDICAL & ITE SWITCHING POWER SUPPLIES
TMC100-S05 TRUMPOWER-TMC100-S05 Datasheet
107Kb / 2P
100 WATT MEDICAL & ITE SWITCHING POWER SUPPLIES
logo
TDK Electronics
CFE400M TDK-CFE400M Datasheet
594Kb / 2P
300W Convection / 400W Fan Cooled Medical Power Supplies
logo
Tumbler Technologies + ...
TMC100 TRUMPOWER-TMC100 Datasheet
77Kb / 2P
100 Watts Medical & ITE Switching Power Supplies
TMC200 TRUMPOWER-TMC200 Datasheet
165Kb / 2P
200 Watts AC/DC Medical & ITE Power Supplies
TMC400 TRUMPOWER-TMC400 Datasheet
192Kb / 2P
400 Watts AC/DC Medical & ITE Power Supplies
TWM65 TRUMPOWER-TWM65 Datasheet
88Kb / 2P
65W Medical & ITE Grade AC/DC Power Supplies
TWM280 TRUMPOWER-TWM280 Datasheet
305Kb / 3P
280W Medical and ITE Grade AC/DC Power Supplies
logo
TDK Electronics
CUS350M TDK-CUS350M Datasheet
1Mb / 3P
Single Output 350W Medical & ITE Power Supplies
logo
ETA-USA
ZMP400 ETA-USA-ZMP400 Datasheet
1Mb / 3P
400W AC/DC ITE & Medical Dual Safety Approvals
2014
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com