Electronic Components Datasheet Search
  English  ▼

X  

PM400 Datasheet(PDF) 2 Page - TT Electronics.

Part # PM400
Description  PM400 Medical & ITE Power Supplies Series (400W)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PM400 Datasheet(HTML) 2 Page - TT Electronics.

  PM400 Datasheet HTML 1Page - TT Electronics. PM400 Datasheet HTML 2Page - TT Electronics. PM400 Datasheet HTML 3Page - TT Electronics. PM400 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© TT Electronics plc
General Note
All data sheets are subject to change without notice.
SL-xxx-xxx ISS.6 22/07/2020 Page: 2
TT Electronics | Power Partners, Inc
43 Broad Street Suite B206, Hudson, MA 01749, USA. t: +1 (978) 567-9600
Specifications
Safety Standards & EMC Specifications
Safety Standard
UL ES 60601-1, CSA C22.2 No. 60601-1 , File No. E178020
TUV EN 60601-1 TUV EN 60950-1
UL 60950-1, CSA C22.2 No. 60950-1
EMI Standard
IEC60601-1-2:2014:
EN55011/EN55022: Class B conducted , class B radiated
FCC: Class B conducted, class B radiated
VCCI: Class B conducted, class B radiated
EMC Performance
EN61000-3-2: Harmonic distortion, class A and D
EN61000-3-3: Line Flicker
EN61000-4-2: ESD ± 15 KV air and ± 8KV contact
EN61000-4-4: Fast transient /burst , ± 2 KV
EN61000-4-5: Surge, ± 1KV diff, ± KV com
EN61000-4-6: Conducted immunity, 10 Vms
EN61000-4-8: Magnetic field immunity , 30 A/m
EN61000-4-11: Voltage dip immunity , 30 % reduction for 500 ms, 100%
reduction for 10 ms
*Consult with TT Electronics for information on additional country safety approvals
Input Specifications
Input Voltage Range
90– 264VAC
Input Frequency Range
47-63Hz
Input Current
4.2 A (rms) @115 VAC, 60 Hz
2.1 A (rms) @ 230 VAC, 50 Hz
Earth Leakage Current
300 μA max. @ 264 VAC, 63 Hz
Touch Current
100 μA max. @ 264 VAC, 63 Hz
Output Specifications
Ripple and noise:
1% peak to peak maximum
Remote Sense
Compensation for cable losses up to 0.5 V
Overvoltage Protection
Set at 115-140% of nominal output voltage, automatic recovery
Short circuit protection
Automatic recovery
Over temperature protection
Latching by recycle input to reset
Thermal shutdown
Protected to overtemperature conditions
Temperature Coefficient
All outputs ±0.04% /°C maximum
Transient Response
Maximum excursion of 4%, recovering to 1% of final value within 500 us
after a 25%
Fan Power
12 V at 250 mA maximum
Standby power
5V at 100 mA maximum
Environmental Specifications
Operating Temperature
-10 ° C to +70°C
Storage Temperature
-40°C to +85°C
Relative Humidity
5% to 95% non-condensing
Temperature Derating
Derate from 100% at +50° C linearly to 50% at +70°C, applicable to convec-
tion and forced-air cooling conditions
General Specifications
Switching frequency
85KHz (typical)
Power Factor
>0.9
Efficiency
Typical 89% @ 115 VAC, 92% @ 230 VAC
Hold-up time
12 ms minimum at 110 VAC & 400W
Line Regulation
±0.5% maximum at full load
Inrush Current
20 A @ 115 VAC, or 40 A @ 230 VAC, at 25 ° C cold start
Withstand Voltage
4000 VAC from input to output (2 MOPP)
1500 VAC from input to ground (1 MOPP)
1500 VAC from output to ground
MTBF
250,000 hours at full load at 25°C ambient, calculated per MIL-HDBK-217F



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com