Electronic Components Datasheet Search
  English  ▼

X  

0807627 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0807627
Description  GPE SO - Engraving material
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0807627 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0807627 Datasheet HTML 1Page - PHOENIX CONTACT 0807627 Datasheet HTML 2Page - PHOENIX CONTACT 0807627 Datasheet HTML 3Page - PHOENIX CONTACT 0807627 Datasheet HTML 4Page - PHOENIX CONTACT 0807627 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Engraving material, Sheet, labeled according to customer specifications, can be labeled with:
PLOTMARK, ENGRAVING UNIT, CMS-P1-PLOTTER, P1 ENGRAVING UNIT, mounting type:
adhesive, text field height: 93 mm, text field width: 184 mm
Commercial data
Item number
0807627
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Sales key
NULL
Product key
BG2415
GTIN
4017918392109
Weight per piece (including packing)
18.13 g
Weight per piece (excluding packing)
18.13 g
Customs tariff number
39203000
Country of origin
PL
GPE SO - Engraving material
0807627
https://www.phoenixcontact.com/us/products/0807627
Jun 25, 2025, 5:44AM
Page 1 (5)


Similar Part No. - 0807627

ManufacturerPart #DatasheetDescription
logo
Littelfuse
08076000 LITTELFUSE-08076000 Datasheet
449Kb / 3P
BSAFE is a series of bistable current isolating switches with mechanical ON-OFF position Dual-Pole, positive and negative disconnection 12V and 24V
08076063 LITTELFUSE-08076063 Datasheet
449Kb / 3P
BSAFE is a series of bistable current isolating switches with mechanical ON-OFF position Dual-Pole, positive and negative disconnection 12V and 24V
08076100 LITTELFUSE-08076100 Datasheet
449Kb / 3P
BSAFE is a series of bistable current isolating switches with mechanical ON-OFF position Dual-Pole, positive and negative disconnection 12V and 24V
08076163 LITTELFUSE-08076163 Datasheet
449Kb / 3P
BSAFE is a series of bistable current isolating switches with mechanical ON-OFF position Dual-Pole, positive and negative disconnection 12V and 24V
More results

Similar Description - 0807627

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0806929 PHOENIX-0806929 Datasheet
67Kb / 3P
Engraving material - GPE 22 X 12 WH
0806932 PHOENIX-0806932 Datasheet
66Kb / 3P
Engraving material - GPE 13x9 WH
0806961 PHOENIX-0806961 Datasheet
67Kb / 3P
Engraving material - GPE 60 X 30 WH
0807009 PHOENIX-0807009 Datasheet
66Kb / 3P
Engraving material - GPE 45X14 SR/R
0815292 PHOENIX-0815292 Datasheet
49Kb / 2P
Engraving material - GPE 60X30 WH/R
5031919 PHOENIX-5031919 Datasheet
130Kb / 11P
Computer Marking System Engraving System CMS-GRAV
5145546 PHOENIX-5145546 Datasheet
105Kb / 7P
Engraving unit - P1 ENGRAVING UNIT
09/12/2020
5145562 PHOENIX-5145562 Datasheet
50Kb / 2P
Accessories - P1 ENGRAVING SPINDLE
09/12/2020
5145575 PHOENIX-5145575 Datasheet
52Kb / 2P
Accessories - P1 ENGRAVING HEAD
09/12/2020
5145711 PHOENIX-5145711 Datasheet
51Kb / 2P
Magazine - CMS-P1-M/GPE ENGRAVING
09/12/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com