Electronic Components Datasheet Search
  English  ▼

X  

0807627 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0807627
Description  GPE SO - Engraving material
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0807627 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0807627 Datasheet HTML 1Page - PHOENIX CONTACT 0807627 Datasheet HTML 2Page - PHOENIX CONTACT 0807627 Datasheet HTML 3Page - PHOENIX CONTACT 0807627 Datasheet HTML 4Page - PHOENIX CONTACT 0807627 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Product properties
Product type
Labeled device marker
Environmental and real-life conditions
UV resistance
Specification
ISO 4892-2:2013-03 (following)
Result
Test passed
Wipe resistance of inscriptions
Specification
DIN EN 61010-1 (VDE 0411-1):2011-07
Isopropyl
[CAS No. 67-63-0]
Test passed
n-Hexane
[CAS No. 110-54-3]
Test passed
Water + Petroleum ether
[CAS No. 64742-82-1]
Test passed
Ambient conditions
Ambient temperature (operation)
-20 °C ... 85 °C
Recommended storage conditions
20°C/50% relative humidity. Storage in the original packaging is
recommended.
Recommended ambient temperature (storage/transport)
20 °C
Recommended humidity (storage/transport)
50 %
Shelf life
12 months
Mounting
Mounting type
adhesive
Material specifications
Adhesive strength
50 µm
Adhesive
Acrylic
Material
TRANSPLY-ABS
Components
free from silicone and halogen
Environmental and real-life conditions
UV resistance
Specification
ISO 4892-2:2013-03 (following)
Result
Test passed
Wipe resistance of inscriptions
Specification
DIN EN 61010-1 (VDE 0411-1):2011-07
Isopropyl
[CAS No. 67-63-0]
Test passed
GPE SO - Engraving material
0807627
https://www.phoenixcontact.com/us/products/0807627
Jun 25, 2025, 5:44AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com