Electronic Components Datasheet Search
  English  ▼

X  

ASC 1 Datasheet(PDF) 18 Page - Phoenix Mecano S.E. Asia Pte Ltd

Part # ASC 1
Description  Cable glands / General Accessories
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOPLA [Phoenix Mecano S.E. Asia Pte Ltd]
Direct Link  https://www.bopla.de/en/
Logo BOPLA - Phoenix Mecano S.E. Asia Pte Ltd

ASC 1 Datasheet(HTML) 18 Page - Phoenix Mecano S.E. Asia Pte Ltd

Back Button ASC 1 Datasheet HTML 14Page - Phoenix Mecano S.E. Asia Pte Ltd ASC 1 Datasheet HTML 15Page - Phoenix Mecano S.E. Asia Pte Ltd ASC 1 Datasheet HTML 16Page - Phoenix Mecano S.E. Asia Pte Ltd ASC 1 Datasheet HTML 17Page - Phoenix Mecano S.E. Asia Pte Ltd ASC 1 Datasheet HTML 18Page - Phoenix Mecano S.E. Asia Pte Ltd ASC 1 Datasheet HTML 19Page - Phoenix Mecano S.E. Asia Pte Ltd ASC 1 Datasheet HTML 20Page - Phoenix Mecano S.E. Asia Pte Ltd ASC 1 Datasheet HTML 21Page - Phoenix Mecano S.E. Asia Pte Ltd ASC 1 Datasheet HTML 22Page - Phoenix Mecano S.E. Asia Pte Ltd  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
General Accessories
Metal top hat rail adapter for DIN rail DIN EN 60715 TH 35
Model
Order no.
A
B
Note
TSH 35 AL - 50
34035050
52 50
Width 50 mm, natural colour anodised
TSH 35 AL - 100
34035100
52 100 Width 100 mm, natural colour anodised
Scope Of Delivery: 1 adapter
Notes: Use for DIN rail acc. to DIN EN 60715 TH35.
Universal wall fitting UWB
Model
Order no.
Colour
UWB 7024
94800024
Graphite grey, similar to RAL 7024
UWB 7035
94800035
Light grey, similar to RAL 7035
UWB 7038
94800038
Agate grey, similar to RAL 7038
UWB 9005
94800005
Black, similar to RAL 9005
UWB-Profil
94801000
Natural-coloured anodised
Scope Of Delivery: 2 side parts, mounting material; scope of delivery for UWB profile: 1 m profile
Notes: Because of the various settings (fixed detent position every 10°), can be used as a wall fitting and also as a
foot. Side elements and profiles can be ordered separately to ensure a customer-specific application. This allows
the length of the profiles to be adapted to every enclosure. On request we can supply the required profile length
and carry out the necessary processing of the enclosure. Protection class up to IP 65 / DIN EN 60529
Universal holder with screw fitting and swan neck, black
Model
Order no.
UH-2
22015660
Scope Of Delivery: 1 holder including screws
Notes: Matches universal adapter UGA-1/4.
Universal holder, can be turned and inclined, with screw fitting, black
Model
Order no.
UH-3
22015800
Scope Of Delivery: 1 holder including screws
Notes: Screwless fitting possible by means of rear adhesive layer. Can be turned by 360°. Matches universal
adapter UGA-1/4.
Universal holder with self-adhesive foil / with screw holes, black
Model
Order no.
Note
UH-4
22014830
With self-adhesive foil
UH-5
22016420
With screw holes
Scope Of Delivery: 1 holder
Notes: Matches universal adapter UGA-1/4.
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com