Electronic Components Datasheet Search
  English  ▼

X  

ASC 1 Datasheet(PDF) 20 Page - Phoenix Mecano S.E. Asia Pte Ltd

Part # ASC 1
Description  Cable glands / General Accessories
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOPLA [Phoenix Mecano S.E. Asia Pte Ltd]
Direct Link  https://www.bopla.de/en/
Logo BOPLA - Phoenix Mecano S.E. Asia Pte Ltd

ASC 1 Datasheet(HTML) 20 Page - Phoenix Mecano S.E. Asia Pte Ltd

Back Button ASC 1 Datasheet HTML 14Page - Phoenix Mecano S.E. Asia Pte Ltd ASC 1 Datasheet HTML 15Page - Phoenix Mecano S.E. Asia Pte Ltd ASC 1 Datasheet HTML 16Page - Phoenix Mecano S.E. Asia Pte Ltd ASC 1 Datasheet HTML 17Page - Phoenix Mecano S.E. Asia Pte Ltd ASC 1 Datasheet HTML 18Page - Phoenix Mecano S.E. Asia Pte Ltd ASC 1 Datasheet HTML 19Page - Phoenix Mecano S.E. Asia Pte Ltd ASC 1 Datasheet HTML 20Page - Phoenix Mecano S.E. Asia Pte Ltd ASC 1 Datasheet HTML 21Page - Phoenix Mecano S.E. Asia Pte Ltd ASC 1 Datasheet HTML 22Page - Phoenix Mecano S.E. Asia Pte Ltd  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
General Accessories
Battery compartments, black plastic, IP 40 / DIN EN 60529
Model Order no.
Note
BE 30
46300000 For one 9V block battery (6LR61, 6AM6,522) or 2 mignon batteries (LR6, R06, AM3, E91,
AA)
BE 60
46600000 For two 9V block batteries (6LR61, 6AM6,522) or 4 mignon batteries (LR6, R06, AM3, E91,
AA)
Scope Of Delivery: 1 battery compartment including 4 (BE 30) or 8 (BE 60) battery contacts
Notes: Processing of the enclosure and mounting of the battery compartment on request. The battery
compartment is snapped into the cut-out provided by means of moulded-on snap-on devices.
Battery compartment for 9V block battery, black plastic
Model
Order no.
BE 40
46400000
Scope Of Delivery: 1 battery compartment including tension frame
Notes: Processing of the enclosure and mounting of the battery compartment on request. Battery clip BH 9V-Clip
34165578 as accessory.
Battery holders
Model
Order no.
Note
BH 2MC
34165572 For 2 micro batteries (LR03, R03, AM4, E92, AAA), connection with soldering tags
BH 4MC
34165573 For 4 micro batteries (LR03, R03, AM4, E92, AAA), connection with soldering tags
BH 2MN
34165574 For 2 mignon batteries (LR6, R06, AM3, E91, AA), connection clip included in scope of
delivery
BH 3MN
34165575 For 3 x mignon (LR6, R06, AM3, E91, AA), connection clip included in scope of delivery
BH 4MN-BL 34165576 For 4 mignon batteries (LR6, R06, AM3, E91, AA), connection clip included in scope of
delivery
BH 6MN-BL 34165577 For 6 mignon batteries (LR6, R06, AM3, E91, AA), connection clip included in scope of
delivery
BH 9V-CLIP
34165578 Clip for 9 V block (6LR61, 6AM6, 522), Connection with soldering tags
BH 4MN
34165579 For 4 mignon batteries (LR6, R06, AM3, E91, AA), connection clip included in scope of
delivery
Scope Of Delivery: 5 battery holders or 5 clips
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com