Electronic Components Datasheet Search
  English  ▼

X  

CD74AC175 Datasheet(PDF) 2 Page - Texas Instruments

Part # CD74AC175
Description  CD74AC175 Quadruple D-type Flip-Flop with Clear
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74AC175 Datasheet(HTML) 2 Page - Texas Instruments

  CD74AC175 Datasheet HTML 1Page - Texas Instruments CD74AC175 Datasheet HTML 2Page - Texas Instruments CD74AC175 Datasheet HTML 3Page - Texas Instruments CD74AC175 Datasheet HTML 4Page - Texas Instruments CD74AC175 Datasheet HTML 5Page - Texas Instruments CD74AC175 Datasheet HTML 6Page - Texas Instruments CD74AC175 Datasheet HTML 7Page - Texas Instruments CD74AC175 Datasheet HTML 8Page - Texas Instruments CD74AC175 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configurations and Functions.................................3
5 Specifications.................................................................. 4
5.1 Absolute Maximum Ratings........................................ 4
5.2 ESD Ratings............................................................... 4
5.3 Recommended Operating Conditions.........................4
5.4 Thermal Information....................................................4
5.5 Electrical Characteristics.............................................5
5.6 Timing Requirements, VCC = 1.5V.............................. 5
5.7 Timing Requirements, VCC = 3.3V ± 0.3V...................5
5.8 Timing Requirements, VCC = 5V ± 0.5V......................6
5.9 Switching Characteristics, VCC = 1.5V........................ 6
5.10 Switching Characteristics, VCC = 3.3V ± 0.3V...........6
5.11 Switching Characteristics, VCC = 5V ± 0.5V..............6
5.12 Operating Characteristics......................................... 7
6 Parameter Measurement Information............................ 8
7 Detailed Description........................................................9
7.1 Overview..................................................................... 9
7.2 Functional Block Diagram........................................... 9
7.3 Device Functional Modes............................................9
8 Application and Implementation.................................. 10
8.1 Power Supply Recommendations.............................10
8.2 Layout....................................................................... 10
9 Device and Documentation Support............................11
9.1 Documentation Support (Analog)..............................11
9.2 Receiving Notification of Documentation Updates.... 11
9.3 Support Resources................................................... 11
9.4 Trademarks............................................................... 11
9.5 Electrostatic Discharge Caution................................ 11
9.6 Glossary.................................................................... 11
10 Revision History.......................................................... 11
11 Mechanical, Packaging, and Orderable
Information.................................................................... 11
CD74AC175
SCHS347A – APRIL 2003 – REVISED APRIL 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CD74AC175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com