Electronic Components Datasheet Search
  English  ▼

X  

CD74AC175 Datasheet(PDF) 3 Page - Texas Instruments

Part # CD74AC175
Description  CD74AC175 Quadruple D-type Flip-Flop with Clear
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74AC175 Datasheet(HTML) 3 Page - Texas Instruments

  CD74AC175 Datasheet HTML 1Page - Texas Instruments CD74AC175 Datasheet HTML 2Page - Texas Instruments CD74AC175 Datasheet HTML 3Page - Texas Instruments CD74AC175 Datasheet HTML 4Page - Texas Instruments CD74AC175 Datasheet HTML 5Page - Texas Instruments CD74AC175 Datasheet HTML 6Page - Texas Instruments CD74AC175 Datasheet HTML 7Page - Texas Instruments CD74AC175 Datasheet HTML 8Page - Texas Instruments CD74AC175 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
4 Pin Configurations and Functions
Figure 4-1. D Package, 16-PIN SCOIC (Top View)
Table 4-1. Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
CLR
I
Clear Pin
2
1Q
O
1Q Output
3
1Q
O
1Q Output
4
1D
I
1D Input
5
2D
I
2D Input
6
2Q
O
2Q Output
7
2Q
O
2Q Output
8
GND
—
Ground Pin
9
CLK
I
Clock Input
10
3Q
O
3Q Output
11
3Q
O
3QOutput
12
3D
I
3D Input
13
4D
I
4D Input
14
4Q
O
4QOutput
15
4Q
O
4Q Output
16
VCC
—
Power Pin
www.ti.com
CD74AC175
SCHS347A – APRIL 2003 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: CD74AC175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com