Electronic Components Datasheet Search
  English  ▼

X  

OC6702 Datasheet(PDF) 2 Page - OCX semiconductor

Part # OC6702
Description  Built-in 100V power MOS boost LED constant current driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OCX [OCX semiconductor]
Direct Link  http://www.ocxsemi.com/
Logo OCX - OCX semiconductor

OC6702 Datasheet(HTML) 2 Page - OCX semiconductor

  OC6702 Datasheet HTML 1Page - OCX semiconductor OC6702 Datasheet HTML 2Page - OCX semiconductor OC6702 Datasheet HTML 3Page - OCX semiconductor OC6702 Datasheet HTML 4Page - OCX semiconductor OC6702 Datasheet HTML 5Page - OCX semiconductor OC6702 Datasheet HTML 6Page - OCX semiconductor OC6702 Datasheet HTML 7Page - OCX semiconductor OC6702 Datasheet HTML 8Page - OCX semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
OC6702
内置 100V 功率 MOS 升压型 LED 恒流驱动器
深圳欧创芯半导体有限公司
www.ocxsemi.com
2 of 8
OC6702_V1.0
封装及管脚分配
管脚定义
管脚号
管脚名
描述
1
GND
接地
2
EN
芯片使能,高电平有效;可做 PWM 调光脚。
3
COMP
频率补偿脚
4
FB
输出电流检测反馈脚
5
SW
功率 MOS 管漏极
6
CS
输入限流检测脚
7
TOFF
关断时间设置
8
VDD
芯片电源



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com