Electronic Components Datasheet Search
  English  ▼

X  

OC6702 Datasheet(PDF) 3 Page - OCX semiconductor

Part # OC6702
Description  Built-in 100V power MOS boost LED constant current driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OCX [OCX semiconductor]
Direct Link  http://www.ocxsemi.com/
Logo OCX - OCX semiconductor

OC6702 Datasheet(HTML) 3 Page - OCX semiconductor

  OC6702 Datasheet HTML 1Page - OCX semiconductor OC6702 Datasheet HTML 2Page - OCX semiconductor OC6702 Datasheet HTML 3Page - OCX semiconductor OC6702 Datasheet HTML 4Page - OCX semiconductor OC6702 Datasheet HTML 5Page - OCX semiconductor OC6702 Datasheet HTML 6Page - OCX semiconductor OC6702 Datasheet HTML 7Page - OCX semiconductor OC6702 Datasheet HTML 8Page - OCX semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
OC6702
内置 100V 功率 MOS 升压型 LED 恒流驱动器
深圳欧创芯半导体有限公司
www.ocxsemi.com
3 of 8
OC6702_V1.0
极限参数
(注 1)
符 号
描述
参数范围
单位
VSW
VSW 端最大电压
100
V
VDD
VDD 端最大电压
5.5
V
VMAX
EN、COMP、FB、TOFF 和 CS
脚的电压
-0.3~VDD+0.3
V
PESOP8
ESOP8 封装最大功耗
0.8
W
TA
工作温度范围
-20~85
oC
TSTG
存储温度范围
-40~120
oC
TSD
焊接温度范围(时间小于 30 秒)
240
oC
VESD
静电耐压值(人体模型)
2000
V
注 1:极限参数是指超过上表中规定的工作范围可能会导致器件损坏。而工作在以上极限条件下可能会影响器
件的可靠性。
内部电路方框图



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com