Electronic Components Datasheet Search
  English  ▼

X  

DAC7664YC Datasheet(PDF) 20 Page - Texas Instruments

Part # DAC7664YC
Description  16-Bit, Quad Voltage Output Digital-to-Analog Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7664YC Datasheet(HTML) 20 Page - Texas Instruments

Back Button DAC7664YC Datasheet HTML 16Page - Texas Instruments DAC7664YC Datasheet HTML 17Page - Texas Instruments DAC7664YC Datasheet HTML 18Page - Texas Instruments DAC7664YC Datasheet HTML 19Page - Texas Instruments DAC7664YC Datasheet HTML 20Page - Texas Instruments DAC7664YC Datasheet HTML 21Page - Texas Instruments DAC7664YC Datasheet HTML 22Page - Texas Instruments DAC7664YC Datasheet HTML 23Page - Texas Instruments DAC7664YC Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
DAC7664
SBAS271 − MARCH 2004
www.ti.com
20
0V to +2.5V
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
LDAC
R/W
CS
(LSB) DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
DB12
Load DAC Registers
Read/Write
Chip Select
DAC
Input
Data
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
48
NC
NC
NC
+5V
+3V to +5V
NC
NC = No Connection
0V to +2.5V
0V to +2.5V
0V to +2.5V
NC
NC NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
DAC
Input Data
NC
47
46
45
44
43
42
41
40
39
38
12
34
567
89
10
11
37
36
35
34
33
12
13
14
15
16
DAC7664
Single Supply
Offset D Range 1
Offset D Range 2
Offset C Range 2
Offset C Range 1
V
OUTCSense 2
V
OUTCSense 1
V
OUTC
Reference GND
Reference GND
V
OUTB
V
OUTBSense 1
V
OUTBSense 2
Offset B Range 1
Offset B Range 2
Offset A Range 2
Offset A Range 1
0.1
µF
0.1
µF
1
µF
+
1
µF
+
Figure 54. Basic Single-Supply Operation of the DAC7664



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com