Electronic Components Datasheet Search
  English  ▼

X  

DAC7664YC Datasheet(PDF) 1 Page - Texas Instruments

Part # DAC7664YC
Description  16-Bit, Quad Voltage Output Digital-to-Analog Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7664YC Datasheet(HTML) 1 Page - Texas Instruments

  DAC7664YC Datasheet HTML 1Page - Texas Instruments DAC7664YC Datasheet HTML 2Page - Texas Instruments DAC7664YC Datasheet HTML 3Page - Texas Instruments DAC7664YC Datasheet HTML 4Page - Texas Instruments DAC7664YC Datasheet HTML 5Page - Texas Instruments DAC7664YC Datasheet HTML 6Page - Texas Instruments DAC7664YC Datasheet HTML 7Page - Texas Instruments DAC7664YC Datasheet HTML 8Page - Texas Instruments DAC7664YC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
SBAS271 − MARCH 2004
16Bit, Quad Voltage Output
DigitaltoAnalog Converter
DAC7664
FEATURES
D Low Glitch: 1nV-s (typ)
D Low Power: 18mW
D Unipolar or Bipolar Operation
D Settling Time: 12µs to 0.003%
D 16-Bit Linearity and Monotonicity:
–40
°C to +85°C
D Programmable Reset to Mid-Scale or
Zero-Scale
D Data Readback
D Double-Buffered Data Inputs
D Internal Bandgap Voltage Reference
D Power-On Reset
D 3V to 5V Logic Interface
APPLICATIONS
D Process Control
D Closed-Loop Servo Control
D Motor Control
D Data Acquisition Systems
D DAC-per-Pin Programmers
DESCRIPTION
The
DAC7664
is
a
16-bit,
quad
voltage
output
digital-to-analog converter (DAC) with 16-bit monotonic
performance over the specified temperature range. It
accepts 16-bit parallel input data, has double-buffered
DAC input logic (allowing simultaneous update of all
DACs), and provides a readback mode of the internal input
registers. Programmable asynchronous reset clears all
registers to a mid-scale code of 8000h or to a zero-scale
of 0000h. The DAC7664 can operate from a single +5V
supply or from +5V and −5V supplies.
Low power and small size per DAC make the DAC7664
ideal
for
automatic
test
equipment,
DAC-per-pin
programmers, data acquisition systems, and closed-loop
servo control. The DAC7664 is available in an LQFP-64
package and is specified for operation over the −40
°C to
+85
°C temperature range.
This device has ESD-CDM sensitivity and special handling precautions must be taken.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
All trademarks are the property of their respective owners.
www.ti.com
Copyright
 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
DAC A
DAC
Register A
Bandgap
Voltage Reference
Input
Register A
Data
Latch
DAC B
DAC
Register B
Input
Register B
DAC C
DAC
Register C
Input
Register C
DAC D
DAC
Register D
Input
Register D
V
OU T A
V
RE F
V
OU T A Sense 1
V
OU T A Sense 2
DB0−DB15
Control
Logic
RST
CS
A0
A1
RSTSEL
LDAC
R/W
A G ND
D GND
OFSR1A
OFSR2A
V
CC
V
SS
V
DD
DAC7664
V
RE F L Aand B
V
RE F H Aand B
V
RE F H C
and D
V
RE F LC
and D
V
OU T B
V
OU T B Sense 1
V
OU T B Sense 2
OFSR1B
OFSR2B
V
OU T C
V
OU T C Sense 1
V
OU T C Sense 2
OFSR1C
OFSR2C
V
OU T D
V
OU T D Sense 1
V
OU T D Sense 2
OFSR1D
OFSR2D
V
RE F
V
RE F
V
RE F


Similar Part No. - DAC7664YC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7664YC TI1-DAC7664YC Datasheet
1Mb / 32P
16-Bit, Quad Voltage Output Digital-to-Analog Converter
DAC7664YCR TI-DAC7664YCR Datasheet
452Kb / 28P
16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7664YCR TI1-DAC7664YCR Datasheet
1Mb / 32P
16-Bit, Quad Voltage Output Digital-to-Analog Converter
DAC7664YCT TI-DAC7664YCT Datasheet
452Kb / 28P
16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7664YCT TI1-DAC7664YCT Datasheet
1Mb / 32P
16-Bit, Quad Voltage Output Digital-to-Analog Converter
More results

Similar Description - DAC7664YC

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7644 BURR-BROWN-DAC7644 Datasheet
349Kb / 21P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7744 BURR-BROWN-DAC7744 Datasheet
458Kb / 23P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7664 TI-DAC7664 Datasheet
452Kb / 28P
16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7634 BURR-BROWN-DAC7634 Datasheet
554Kb / 27P
16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7734 TI1-DAC7734_14 Datasheet
1Mb / 31P
16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7744 TI1-DAC7744_14 Datasheet
1Mb / 28P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7634 TI1-DAC7634_08 Datasheet
757Kb / 31P
16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7644 TI1-DAC7644_08 Datasheet
552Kb / 25P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7654 TI1-DAC7654_15 Datasheet
1Mb / 33P
16-Bit, Quad Voltage Output Digital-to-Analog Converter
DAC7664 TI1-DAC7664_15 Datasheet
1Mb / 32P
16-Bit, Quad Voltage Output Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com