Electronic Components Datasheet Search
  English  ▼

X  

LM2653 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM2653
Description  LM2653 1.5A High Efficiency Synchronous Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2653 Datasheet(HTML) 2 Page - Texas Instruments

  LM2653 Datasheet HTML 1Page - Texas Instruments LM2653 Datasheet HTML 2Page - Texas Instruments LM2653 Datasheet HTML 3Page - Texas Instruments LM2653 Datasheet HTML 4Page - Texas Instruments LM2653 Datasheet HTML 5Page - Texas Instruments LM2653 Datasheet HTML 6Page - Texas Instruments LM2653 Datasheet HTML 7Page - Texas Instruments LM2653 Datasheet HTML 8Page - Texas Instruments LM2653 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
LM2653
SNVS050E – NOVEMBER 1999 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
Input Voltage
15V
PGOOD Pin Voltage
15V
Feedback Pin Voltage
−0.4V ≤ VFB ≤ 5V
Power Dissipation (TA =25°C)
(4)
893 mW
Junction Temperature Range
−40°C ≤ TJ ≤ +125°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature
PW Package
Vapor Phase (60 sec.)
215°C
Infrared (15 sec.)
220°C
Maximum Junction Temperature
150°C
ESD Susceptibility
Human Body Model (3)
1 kV
(1)
Absolute Maxmum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but device parameter specifications may not be specified under these conditions. For
specified specifications and test conditions, see Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
(4)
The maximum allowable power dissipation is calculated by using PDMAX = (TJMAX − TA)/θJA, where TJMAX is the maximum junction
temperature, TA is the ambient temperature, and θJA is the junction-to-ambient thermal resistance of the specified package. The 893
mW rating results from using 150°C, 25°C, and 140°C/W for TJMAX, TA, and θJA respectively. A θJA of 140°C/W represents the worst-
case condition of no heat sinking of the 16-pin TSSOP package. Heat sinking allows the safe dissipation of more power. The Absolute
Maximum power dissipation must be derated by 7.14 mW per °C above 25°C ambient. The LM2653 actively limits its junction
temperatures to about 165°C.
Operating Ratings
(1)
Supply Voltage
4V
≤ VIN ≤ 14V
(1)
Absolute Maxmum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but device parameter specifications may not be specified under these conditions. For
specified specifications and test conditions, see Electrical Characteristics.
Electrical Characteristics
Specifications with standard typeface are for TJ = 25°C, and those in boldface type apply over full Operating Temperature
Range. VIN = 10V unless otherwise specified.
Symbol
Parameter
Conditions
Typical (1)
Limit (2)
Units
VFB
Feedback Voltage
ILOAD = 900 mA
1.238
V
1.200
V(min)
1.263
V(max)
VOUT
Output Voltage Line
VIN = 4V to 12V
0.2
%
Regulation
ILOAD = 900 mA
Output Voltage Load
ILOAD = 10 mA to 1.5A
1.3
%
Regulation
VIN = 5V
Output Voltage Load
ILOAD = 200 mA to 1.5A
0.3
%
Regulation
VIN = 5V
VINUV
VIN Undervoltage Lockout
Rising Edge
3.8
V
Threshold Voltage
3.95
V(max)
VUV_HYST
Hysteresis for the Input
210
mV
Undervoltage Lockout
ICL
Switch Current Limit
VIN = 5V
2.0
A
VOUT = 2.5V
1.55
A(min)
2.60
A(max)
ISM
Sleep Mode Threshold Current VIN = 5V, VOUT = 2.5V
100
mA
(1)
All limits specified at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits
are 100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control
(SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely norm.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM2653



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com