Electronic Components Datasheet Search
  English  ▼

X  

LM2653 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM2653
Description  LM2653 1.5A High Efficiency Synchronous Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2653 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2653 Datasheet HTML 8Page - Texas Instruments LM2653 Datasheet HTML 9Page - Texas Instruments LM2653 Datasheet HTML 10Page - Texas Instruments LM2653 Datasheet HTML 11Page - Texas Instruments LM2653 Datasheet HTML 12Page - Texas Instruments LM2653 Datasheet HTML 13Page - Texas Instruments LM2653 Datasheet HTML 14Page - Texas Instruments LM2653 Datasheet HTML 15Page - Texas Instruments LM2653 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
LM2653
SNVS050E – NOVEMBER 1999 – REVISED APRIL 2013
www.ti.com
PCB Layout Considerations
Layout is critical to reduce noises and ensure specified performance. The important guidelines are listed as
follows:
1. Minimize the parasitic inductance in the loop of input capacitors and the internal MOSFETs by connecting the
input capacitors to VIN and PGND pins with short and wide traces. This is important because the rapidly
switching current, together with wiring inductance can generate large voltage spikes that may result in noise
problems.
2. Minimize the trace from the center of the output resistor divider to the FB pin and keep it away from noise
sources to avoid noise pick up. For applications require tight regulation at the output, a dedicated sense
trace (separated from the power trace) is recommended to connect the top of the resistor divider to the
output.
3. If the Schottky diode D1 is used, minimize the traces connecting D1 to SW and PGND pins.
Figure 16. Schematic for the Typical Board Layout
Typical PC Board Layout: (2X Size)
Figure 17. Component Placement Guide
12
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM2653



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com