Electronic Components Datasheet Search
  English  ▼

X  

TSM2N7002 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TSM2N7002
Description  500V N-Channel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM2N7002 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TSM2N7002 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM2N7002 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM2N7002 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM2N7002 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM2N7002 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM2N7002 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TSM2N7002
60V N-Channel MOSFET
3/6
Version: A07
Electrical Characteristics Curve (Ta = 25oC, unless otherwise noted)
Output Characteristics
Transfer Characteristics
On-Resistance vs. Drain Current
Gate Charge
On-Resistance vs. Junction Temperature
Source-Drain Diode Forward Voltage



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com