Electronic Components Datasheet Search
  English  ▼

X  

TSM2N7002 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM2N7002
Description  500V N-Channel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM2N7002 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM2N7002 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM2N7002 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM2N7002 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM2N7002 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM2N7002 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM2N7002 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSM2N7002
60V N-Channel MOSFET
1/6
Version: A07
SOT-23
Features
●
Fast Switching Speed
●
Low Input and Output Leakage
Application
●
Direct Logic-Level Interface: TTL/CMOS
●
Solid-State Relays
Ordering Information
Part No.
Package
Packing
TSM2N7002CX RF
SOT-23
3Kpcs / 7” Reel
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
ID
300
mA
Pulsed Drain Current
IDM
800
mA
Continuous Source Current (Diode Conduction)
a,b
IS
300
mA
Ta = 25
oC
350
Maximum Power Dissipation
Ta = 75
oC
PD
220
mW
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TJ, TSTG
-55 to +150
oC
Thermal Performance
Parameter
Symbol
Limit
Unit
Lead Temperature (1/8” from case)
TL
5
S
Junction to Ambient Thermal Resistance (PCB mounted)
RӨJA
357
oC/W
Notes:
a. Pulse width limited by the Maximum junction temperature
b. Surface Mounted on FR4 Board, t ≤ 5 sec.
PRODUCT SUMMARY
VDS (V)
RDS(on)(Ω)
ID (mA)
7.5 @ VGS = 10V
300
60
7.5 @ VGS = 4.5V
200
Block Diagram
N-Channel MOSFET
Pin Definition:
1. Gate
2. Source
3. Drain


Similar Part No. - TSM2N7002

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2N7002 TSC-TSM2N7002 Datasheet
129Kb / 3P
60V N-Channel Enhancement Mode MOSFET
TSM2N7002AKCU TSC-TSM2N7002AKCU Datasheet
602Kb / 6P
N-Channel Power MOSFET
Version: A2111
TSM2N7002AKCX TSC-TSM2N7002AKCX Datasheet
434Kb / 6P
N-Channel Power MOSFET
Version: A2111
TSM2N7002AKDCU6 TSC-TSM2N7002AKDCU6 Datasheet
436Kb / 6P
Dual N-Channel Power MOSFET
Version: A2111
TSM2N7002CX TSC-TSM2N7002CX Datasheet
129Kb / 3P
60V N-Channel Enhancement Mode MOSFET
More results

Similar Description - TSM2N7002

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM4ND50 TSC-TSM4ND50 Datasheet
704Kb / 8P
500V N-Channel Power MOSFET
TSM9N50 TSC-TSM9N50 Datasheet
219Kb / 7P
500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50 Datasheet
218Kb / 7P
500V N-Channel Power MOSFET
TSM5ND50 TSC-TSM5ND50_11 Datasheet
310Kb / 9P
500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_10 Datasheet
309Kb / 8P
500V N-Channel Power MOSFET
TSM4NB50 TSC-TSM4NB50 Datasheet
187Kb / 7P
500V N-Channel Power MOSFET
TSM1N50CT TSC-TSM1N50CT Datasheet
124Kb / 7P
500V N-CHANNEL POWER MOSFET
TSM20N50 TSC-TSM20N50_13 Datasheet
460Kb / 10P
500V N-Channel Power MOSFET
TSM5NB50 TSC-TSM5NB50_14 Datasheet
1Mb / 10P
500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_12 Datasheet
529Kb / 10P
500V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com