Electronic Components Datasheet Search
  English  ▼

X  

SLG47115 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # SLG47115
Description  GreenPAK Programmable Mixed-Signal Matrix with High Voltage Features
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG47115 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button SLG47115 Datasheet HTML 78Page - Renesas Technology Corp SLG47115 Datasheet HTML 79Page - Renesas Technology Corp SLG47115 Datasheet HTML 80Page - Renesas Technology Corp SLG47115 Datasheet HTML 81Page - Renesas Technology Corp SLG47115 Datasheet HTML 82Page - Renesas Technology Corp SLG47115 Datasheet HTML 83Page - Renesas Technology Corp SLG47115 Datasheet HTML 84Page - Renesas Technology Corp SLG47115 Datasheet HTML 85Page - Renesas Technology Corp SLG47115 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 255 page
background image
R19DS0118EU0119 Rev.1.19
Page 82
Sep 16, 2024
SLG47115 Datasheet
10. Connection Matrix
10.1 Connection Matrix Structure
The Connection Matrix in the SLG47115 is used to create the internal routing for internal functional macrocells of
the device once it is programmed. The registers are programmed from the one-time NVM cell during Test mode
operation. The output of each functional macrocell within the SLG47115 has a specific digital bit code assigned to
it, that is either set to active “HIGH”, or inactive “LOW”, based on the design that is created. Once the 2048
register bits within the SLG47115 are programmed, a fully custom circuit will be created.
The Connection matrix has 64 inputs and 96 outputs. Each of the 64 inputs to the Connection matrix is hard-wired
to the digital output of a particular source macrocell, including IO pins, LUTs, analog comparators, other digital
resources, such as VDD and GND. The input to a digital macrocell uses a 6-bit register to select one of these 64
input lines.
For a complete list of the SLG47115’s register table, see Section 23. Register Definitions.
Figure 52. Connection Matrix
Figure 53. Connection Matrix Example
GND
0
LUT2_0/DFF OUT
1
LUT2_1/DFF OUT
2
LUT2_2/DFF OUT
3
Matrix input signal
functions
N
TSD_FAULT
62
VDD
63
N
Function
Registers
94
Diff_Amp_Integrator_En
registers [569:564]
0
GPIO0
digital output
registers [5:0]
1
GPIO0
digital output OE
registers [11:6]
2
GPIO1
digital output
registers [17:12]
Matrix inputs
Matrix outputs
LUT
GPIO4
GPIO0
GPIO1
Function
GPIO0
GPIO1
Connection Matrix
LUT
GPIO4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com