Electronic Components Datasheet Search
  English  ▼

X  

SLG47115 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # SLG47115
Description  GreenPAK Programmable Mixed-Signal Matrix with High Voltage Features
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG47115 Datasheet(HTML) 1 Page - Renesas Technology Corp

  SLG47115 Datasheet HTML 1Page - Renesas Technology Corp SLG47115 Datasheet HTML 2Page - Renesas Technology Corp SLG47115 Datasheet HTML 3Page - Renesas Technology Corp SLG47115 Datasheet HTML 4Page - Renesas Technology Corp SLG47115 Datasheet HTML 5Page - Renesas Technology Corp SLG47115 Datasheet HTML 6Page - Renesas Technology Corp SLG47115 Datasheet HTML 7Page - Renesas Technology Corp SLG47115 Datasheet HTML 8Page - Renesas Technology Corp SLG47115 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 255 page
background image
Datasheet
R19DS0118EU0119 Rev.1.19
Page 1
Sep 16, 2024
© 2024 Renesas Electronics
Note 1: Power dissipation and thermal limits must be observed. See Section 3.3 Recommended Operating Conditions.
Note 2: For all PWM features see Section 13. Pulse Width Modulation Macrocell.
The SLG47115 provides a small, low power component
for commonly used Mixed-Signal and Full Bridge
functions. The user creates their circuit design by
programming the one time programmable (OTP) Non-
Volatile Memory (NVM) to configure the interconnect
logic, the IO Pins, the High Voltage Pins, and the
macrocells of the SLG47115.
Configurable PWM macrocells in combination with
Special High Voltage outputs will be useful for a motor
drive or load drive applications. High Voltage pins allow
to design smart level translators or to drive the high
voltage high current load.
Features
▪ Two Power Supply Inputs:
• 2.5 V (±8 %) to 5.0 V (±10 %) VDD
• 5.0 V (±10 %) to 24.0 V (±10 %) VDD2
▪ Two High Voltage High Current Drive GPOs
• Full Bridge Driver Option
• Dual/Single Half Bridge Driver Option
• Slew Rate Modes:
◦ Motor Driver Mode
◦ Pre-Driver (MOSFET Driver) Mode
• High Drive GPOs with Sleep Function
• Low RDS(ON) High-side + Low-side resistance = 0.5
typical
• 3 A Peak, 1.5 A RMS per Full Bridge[1]
• Current up to 3 A Peak, 1.5 A RMS per GPO/Half
Bridge and up to 6 A Peak, 3 A RMS for two HV
GPOs Connected in Parallel[1]
• Integrated Over Current/Short
Circuit/Undervoltage-Lockout Protections
• SENSE Input that is connected to the Current
Comparator for Current Control
• Fault Signal Indicator (OCP/UVLO/TSD/)
▪ Differential Amplifier with Integrator and Comparator
for Motor Speed Control Function
▪ Current Sense Comparator with Dynamical Vref Mode
▪ Two High-Speed General Purpose ACMPs
• Modes: UVLO, OCP, TSD, Voltage Monitor,
Current Monitor
▪ One Voltage Reference (Vref) Output
▪ Five Multi-Function Macrocells
• Four Selectable DFF/LATCH/3-bit LUTs + 8-bit
Delay/Counters
• One Selectable DFF/LATCH/4-bit LUT + 16-bit
Delay/Counter
▪ Twelve Combination Function Macrocells
• Three Selectable DFF/LATCH or 2-bit LUTs
• One Selectable Programmable Pattern Generator
or 2-bit LUT
• Six Selectable DFF/LATCH or 3-bit LUTs
• One Selectable Pipe Delay or Ripple Counter or 3-
bit LUT
• One Selectable DFF/LATСH or 4-bit LUT
▪ Two PWM Macrocells
• Flexible 8-bit/7-bit PWM Mode with the Duty Cycle
Control
• 16 Preset Duty Cycle Registers Switching Mode for
PWM Sine or Other Waveforms[2]
▪ Serial Communications
•I2C Protocol Interface
▪ Programmable Delay with Edge Detector Output
▪ Additional Logic Function – One Deglitch Filter with
Edge Detectors
▪ Two Oscillators (OSC)
• 2.048 kHz Oscillator
• 25 MHz Oscillator
▪ Analog Temperature Sensor with ACMP Connected
Output
▪POR
▪ One Time Programmable Memory
▪ Operating Temperature Range: -40 °C to 85 °C
▪ RoHS Compliant/Halogen-Free
▪ 20-pin STQFN: 2 mm x 3 mm x 0.55 mm, 0.4 mm
pitch
Applications
▪Smart Locks
▪ Personal Computers and Servers
▪ Consumer Electronics
▪ Motor Drivers
▪Toys
▪ HV MOSFET Drivers
▪ Video Security Cameras
▪ LED Matrix Dimmers
SLG47115
GreenPAK Programmable Mixed-Signal Matrix with High Voltage Features


Similar Part No. - SLG47115

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG47115 RENESAS-SLG47115 Datasheet
4Mb / 256P
GreenPAK Programmable Mixed-Signal Matrix with High Voltage Features
Mar 1, 2023
SLG47115-EV RENESAS-SLG47115-EV Datasheet
2Mb / 257P
GreenPAK Programmable Mixed-Signal Matrix with High Voltage Features and Extended Temperature Range
Sep 16, 2024
SLG47115VTR RENESAS-SLG47115VTR Datasheet
4Mb / 256P
GreenPAK Programmable Mixed-Signal Matrix with High Voltage Features
Mar 1, 2023
More results

Similar Description - SLG47115

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
GreenPAK Programmable Mixed-Signal Matrix
SLG47105 DIALOG-SLG47105 Datasheet
3Mb / 253P
GreenPAK Programmable Mixed-Signal Matrix with High Voltage Features
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
SLG47105 RENESAS-SLG47105 Datasheet
4Mb / 253P
GreenPAK Programmable Mixed-Signal Matrix with High Voltage Features
1-Mar-2023
SLG47115 RENESAS-SLG47115 Datasheet
4Mb / 256P
GreenPAK Programmable Mixed-Signal Matrix with High Voltage Features
Mar 1, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com