Electronic Components Datasheet Search
  English  ▼

X  

LM3525 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM3525
Description  LM3525 Single Port USB Power Switch and Over-Current Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3525 Datasheet(HTML) 5 Page - Texas Instruments

  LM3525 Datasheet HTML 1Page - Texas Instruments LM3525 Datasheet HTML 2Page - Texas Instruments LM3525 Datasheet HTML 3Page - Texas Instruments LM3525 Datasheet HTML 4Page - Texas Instruments LM3525 Datasheet HTML 5Page - Texas Instruments LM3525 Datasheet HTML 6Page - Texas Instruments LM3525 Datasheet HTML 7Page - Texas Instruments LM3525 Datasheet HTML 8Page - Texas Instruments LM3525 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LM3525
www.ti.com
SNVS051D – FEBRUARY 2000 – REVISED MARCH 2013
Typical Performance Characteristics
VIN = 5.0V, IL = 500 mA, TA = 25°C unless otherwise specified.
RDSON
RDSON
vs
vs
VIN
Temperature
Figure 4.
Figure 5.
Current Limit
Over Current Threshold
vs
vs
Temperature
Temperature
Figure 6.
Figure 7.
Delay
vs
Temperature
UVLO Threshold
Figure 8.
Figure 9.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com