Electronic Components Datasheet Search
  English  ▼

X  

LM3525 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM3525
Description  LM3525 Single Port USB Power Switch and Over-Current Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3525 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3525 Datasheet HTML 3Page - Texas Instruments LM3525 Datasheet HTML 4Page - Texas Instruments LM3525 Datasheet HTML 5Page - Texas Instruments LM3525 Datasheet HTML 6Page - Texas Instruments LM3525 Datasheet HTML 7Page - Texas Instruments LM3525 Datasheet HTML 8Page - Texas Instruments LM3525 Datasheet HTML 9Page - Texas Instruments LM3525 Datasheet HTML 10Page - Texas Instruments LM3525 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LM3525
www.ti.com
SNVS051D – FEBRUARY 2000 – REVISED MARCH 2013
FUNCTIONAL DESCRIPTION
The LM3525-H and LM3525-L are high side P-Channel switches with active-high and active-low enable inputs,
respectively. Fault conditions turn off and inhibit turn-on of the output transistor and activate the open-drain error
flag transistor sinking current to the ground.
INPUT AND OUTPUT
IN (Input) is the power supply connection to the control circuitry and the source of the output MOSFET.
OUT (Output) is the drain of the output MOSFET. In a typical application circuit, current flows through the switch
from IN to OUT towards the load.
If VOUT is greater than VIN when the switch is enabled, current will flow from OUT to IN since the MOSFET is
bidirectional.
THERMAL SHUTDOWN
LM3525 is internally protected against excessive power dissipation. In the event of a shorted output or heavy
loads that could elevate the die temperature to above approximately 135°C, the thermal shutdown circuit of the
LM3525 will be activated and the power switch turned off.
The switch is turned on after die temperature drops by 10°C. This built-in temperature hysteresis prevents
undesirable oscillation of the thermal protection circuit and allows the device to reset itself after it is cooled down.
UNDERVOLTAGE LOCKOUT
UVLO prevents the MOSFET switch from turning on until input voltage exceeds 1.9V.
UVLO shuts off the MOSFET switch and signals the fault flag if input voltage drops below 1.8V. UVLO functions
only when device is enabled.
CURRENT LIMIT
The current limit circuit is designed to protect the system supply, the MOSFET switches and the load from
damage caused by excessive currents. The current limit threshold is set internally to allow a minimum of 500 mA
through the MOSFET but limit the maximum current to 1.0A typical.
FAULT FLAG
The fault flag is an open-drain output capable of sinking 10 mA load current to typically 60 mV above ground.
The fault flag is active (pulled low) when any of the following conditions are present: undervoltage, current limit,
or thermal shutdown.
A 1ms delay in reporting fault condition prevents erroneous fault flags and eliminates the need for external RC
delay network.
Application Information
FILTERING
The USB specification indicates that “no less than 120 µF tantalum capacitors” must be used on the output of
each downstream port. This bulk capacitance provides the short-term transient current needed during a hot plug-
in. Current surges caused by the input capacitance of the down stream device could generate undesirable EMI
signals. Ferrite beads in series with all power and ground lines are recommended to eliminate or significantly
reduce EMI.
In selecting a ferrite bead, the DC resistance of the wire used must be kept to minimum to reduce the voltage
drop.
A 0.01 µF ceramic capacitor is recommended on each port directly between the Vbus and ground pins to prevent
EMI damage to other components during the hot - detachment.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com