Electronic Components Datasheet Search
  English  ▼

X  

LM3535 Datasheet(PDF) 18 Page - Texas Instruments

Part # LM3535
Description  LM3535 Multi-Display LED Driver With Ambient Light Sensing and Dynamic Backlight Control Compatibility
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3535 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM3535 Datasheet HTML 14Page - Texas Instruments LM3535 Datasheet HTML 15Page - Texas Instruments LM3535 Datasheet HTML 16Page - Texas Instruments LM3535 Datasheet HTML 17Page - Texas Instruments LM3535 Datasheet HTML 18Page - Texas Instruments LM3535 Datasheet HTML 19Page - Texas Instruments LM3535 Datasheet HTML 20Page - Texas Instruments LM3535 Datasheet HTML 21Page - Texas Instruments LM3535 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
MSB
LSB
Zone Brightnes Registers
Register Address: 0x70, 0x71, 0x72, 0x73, 0x74
B7
bit7
B6
bit6
B5
bit5
B4
bit4
B3
bit3
B2
bit2
B1
bit1
B0
bit0
All Versions
Register Address:
0x70 = Zone 0 Brightness
0x71 = Zone 1 Brightness
0x72 = Zone 2 Brightness
0x73 = Zone 3 Brightness
0x74 = Zone 4 Brightness
18
LM3535
SNVS598B – AUGUST 2010 – REVISED MARCH 2018
www.ti.com
Product Folder Links: LM3535
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
–
VTRIP-LOW (typ) = [Boundary Code × 3.874mV] + 4.45mV
–
For boundary codes 2 to 255. Code 0 and Code1 are mapped to equal the Code2 value.
–
Each zone line has approx. 5.5mV of hysteresis between the falling and rising ALS trip points.
•
Zone Boundary 0 is the line between ALS Zone 0 and Zone 1. Default Code = 0x33 or approximately 200 mV
•
Zone Boundary 1 is the line between ALS Zone 1 and Zone 2. Default Code = 0x66 or approximately 400 mV
•
Zone Boundary 2 is the line between ALS Zone 2 and Zone 3. Default Code = 0x99 or approximately 600 mV
•
Zone Boundary 3 is the line between ALS Zone 3 and Zone 4. Default Code = 0xCC or approximately 800
mV
Figure 28. Zone Brightness Region Register Description
•
B7-B0: Sets the ALS Zone Brightness Code. B7 always = 1 (unused). Use the formula found in the BankA
Brightness Register Description (Figure 23) to set the desired target brightness. Default values can be
overwritten
•
Zone0 Brightness Address = 0x70. Default = 0x99 (25) or 0.084 mA
•
Zone1 Brightness Address = 0x71. Default = 0xB6 (54) or 0.164 mA
•
Zone2 Brightness Address = 0x72. Default = 0xCC (76) or 1.45 mA
•
Zone3 Brightness Address = 0x73. Default = 0xE6 (102) or 6.17 mA
•
Zone4 Brightness Address = 0x74. Default = 0xFF (127) or 25 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com