Electronic Components Datasheet Search
  English  ▼

X  

LM3535 Datasheet(PDF) 24 Page - Texas Instruments

Part # LM3535
Description  LM3535 Multi-Display LED Driver With Ambient Light Sensing and Dynamic Backlight Control Compatibility
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3535 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM3535 Datasheet HTML 20Page - Texas Instruments LM3535 Datasheet HTML 21Page - Texas Instruments LM3535 Datasheet HTML 22Page - Texas Instruments LM3535 Datasheet HTML 23Page - Texas Instruments LM3535 Datasheet HTML 24Page - Texas Instruments LM3535 Datasheet HTML 25Page - Texas Instruments LM3535 Datasheet HTML 26Page - Texas Instruments LM3535 Datasheet HTML 27Page - Texas Instruments LM3535 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
LED
Driver
BRT
Register
ALS Select
1
0
VOUT
7 bits
7 bits
LED Ramp
Rate Control
3 bits
Ramp Rate
Increasing
7 bits
DAC
Active Zone
Target
Register
7 bits
Dig Code
3 bits
Ramp Rate
Decreasing
Full Scale
Current
PWM
EN_PWM bit
PWM Polarity Bit
(0 = active high,
1 = active low)
Note 1
Note 2
Note 3
For EN_PWM bit = 1
For EN_PWM bit = 0
Note 3:
DPWM Is a Scaler between 0 and 1 and corresponds to the duty cycle of the PWM input signal
Note 2:
ACODE Is a Scaler between 0 and 1 based on the Brightness Data or Zone Target Data Depending on the ALS Select Bit
Note 1:
IFS = 25 mA
ILED
ILED = IFS x ACODE x DPWM
ILED = IFS x ACODE
ACODE
DPWM
Zone0
Zone1
Zone2
Zone3
Zone4
1
3
4
2
2
1
1
Averager
Output
1 Ave
Period
tBRGT-CHANGE =
2.75 Average
Time
tBRGT-CHANGE =
1.75 Average
Time
24
LM3535
SNVS598B – AUGUST 2010 – REVISED MARCH 2018
www.ti.com
Product Folder Links: LM3535
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
When using the ALS averaging functionality, it is important to remember that the averaging cycle is free running
and is not synchronized with changing ambient lighting conditions. Due to the nature of the averager round down,
an increase in brightness can take between 2 and 3 averaging cycles to change zones while a decrease in
brightness can take between 1 and 2 averaging cycles to change. See Figure 25 for a list of possible averager
periods. Figure 35 shows an example of how the perceived brightness change time can vary.
Figure 35. Perceived Brightness Change Time
8.2.2.1.4
Ambient Light Current Control + PWM
The ambient light current control can also be a function of the PWM input duty cycle. Assume the LM3535 is
configured as described in the previous example, but this time the Enable PWM bit set to 1 (Configuration
Register bit [0]). Figure 36 shows how the different blocks (PWM and ALS) influence the LED current.
Figure 36. Current Control Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com