Electronic Components Datasheet Search
  English  ▼

X  

LM3556 Datasheet(PDF) 19 Page - Texas Instruments

Part # LM3556
Description  LM3556 1.5-A Synchronous Boost LED Flash Driver With High-Side Current Source
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3556 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM3556 Datasheet HTML 15Page - Texas Instruments LM3556 Datasheet HTML 16Page - Texas Instruments LM3556 Datasheet HTML 17Page - Texas Instruments LM3556 Datasheet HTML 18Page - Texas Instruments LM3556 Datasheet HTML 19Page - Texas Instruments LM3556 Datasheet HTML 20Page - Texas Instruments LM3556 Datasheet HTML 21Page - Texas Instruments LM3556 Datasheet HTML 22Page - Texas Instruments LM3556 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
LM3556
www.ti.com
SNVS796D – AUGUST 2011 – REVISED OCTOBER 2015
7.6 Register Maps
7.6.1 Register Descriptions
REGISTER NAME
INTERNAL HEX ADDRESS
POWER ON/RESET VALUE
Silicon Revision and Filter Time Register
0x00
0x04
IVFM Mode Register
0x01
0x80
NTC Settings Register
0x02
0x12
Indicator Ramp Time Register
0x03
0x00
Indicator Blinking Register
0x04
0x00
Indicator Period Count Register
0x05
0x00
Torch Ramp Time Register
0x06
0x00
Configuration Register
0x07
0x78
Flash Features Register
0x08
0xD2
Current Control Register
0x09
0x0F
Enable Register
0x0A
0x00
Flags Register
0x0B
0x00
7.6.1.1 Silicon Revision and Filter Time Register (0x00)
Table 2. Silicon Revision and Filter Time Register Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RFU
RFU
RFU
IVFM Filter Times
Bits available for Silicon Revision
'00' = 1/2 of the Current Step Time
Current Value = '100'
'01' = 256 µs
'10' =512 µs
'11' = 1024 µs
7.6.1.2 Input Voltage Flash Monitor (IVFM) Mode Register (0x01)
Table 3. Input Voltage Flash Monitor (IVFM) Mode Register Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
1 = UVLO EN
Hysteresis Level
IVM-D (Down) Threshold
IVFM Adjust Mode
(default)
00 = 50 mV (default)
000 = 2.9 V (default)
00 = Report Mode (default)
01 = 100 mV
001 = 3 V
01 = Stop and Hold Mode
10 = 150 mV
010 = 3.1 V
10 = Down Mode
11 = Hysteresis Disabled
011 = 3.2 V
11 = Up and Down Mode
100 = 3.3 V
101 = 3.4 V
110 = 3.5 V
111 = 3.6 V
00 = Report Mode Sets IVFM flag in Flags Register upon crossing IVM-D line Only. Does not adjust current.
01 = Stop and Hold Mode Stops current ramp and holds the level for the remaining flash if VIN crosses IVM-D
Line. Sets IVFM flag in Flags Register upon crossing IVM-D line.
10 = Down Mode Adjusts current down if VIN crosses IVM-D Line and stops decreasing once VIN rises above the
IVM-D line plus the IVFM hystersis setting. The LM3556 decreases the current throughout the flash
pulse anytime the input voltage falls below the IVM-D line, and not just once. The flash current does
not increase again until the next flash. Sets IVFM flag in Flags Register upon crossing IVM-D Line.
11 = Up and Down Mode Adjusts current down if VIN crosses IVM-D Line and adjusts current up if VIN rises
above the IVM-D line plus the IVFM hystersis setting. In this mode, the current continually adjusts
with the rising and falling of the input voltage throughout the entire flash pulse. Sets IVFM flag in
Flags Register upon crossing IVM-D Line.
UVLO EN
If enabled and VIN drops below 2.8 V, the LM3556 enters standby and sets the UVLO flag in the
Flags Register. Enabled = ‘1’, Disabled = ‘0’
IVM-U = IVM-D + IVFM Hysteresis
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM3556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com