Electronic Components Datasheet Search
  English  ▼

X  

LM48512TL/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LM48512TL/NOPB
Description  LM48512 Boomer® Audio Power Amplifier Series PowerWise® Boosted, Ultra Low-EMI, Mono, E2S Class D Audio Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48512TL/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM48512TL/NOPB Datasheet HTML 1Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 2Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 3Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 4Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 5Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
3
2
1
A
B
C
D
4
PGND
VDD
GND
SDREG
SW
RTRIP
SDAMP
IN-
PVOUT
GAIN
PGND
IN+
PVDD
OUTA
OUTB
PGND
H-BRIDGE
OSCILLATOR
VDD
IN+
IN-
GND
OUTA
OUTB
+2.3V to +5.5V
MODULATOR
BOOST
CONVERTER
GAIN
STAGE
GAIN
SW
PGND
SDAMP
SDREG
PVOUT
L1
CS
PVDD
CS
RTRIP
RTRIP
10 PF
22 PF
CIN = 0.1 PF
CIN = 0.1 PF
CS = 0.1 PF
LM48512
SNAS497A – OCTOBER 2010 – REVISED APRIL 2012
www.ti.com
Typical Application
Figure 1. Typical Audio Amplifier Application Circuit
Connection Diagram
TL Package
2.098mm x 2.098mm x 0.6mm
Figure 2. Top View
Order Number LM48512TL
See NS Package Number TLA16QSA
2
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Links: LM48512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com