Electronic Components Datasheet Search
  English  ▼

X  

LM48512TL/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM48512TL/NOPB
Description  LM48512 Boomer® Audio Power Amplifier Series PowerWise® Boosted, Ultra Low-EMI, Mono, E2S Class D Audio Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48512TL/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM48512TL/NOPB Datasheet HTML 1Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 2Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 3Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 4Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 5Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LM48512
SNAS497A – OCTOBER 2010 – REVISED APRIL 2012
www.ti.com
Absolute Maximum Ratings
(1) (2)
Supply Voltage (VDD)
(1)
6.0V
Storage Temperature
−65°C to +150°C
Power Dissipation (3)
Internally Limited
ESD Rating (4)
2000V
ESD Rating (5)
200V
Junction Temperature
150°C
Thermal Resistance
θJA (TLA16QSA)
50°C/W
Soldering Information
See AN-1112 “Micro SMD Wafer Level Chip
Scale Package”
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions. All
voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
The Electrical Characteristics tables list guaranteed specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not guaranteed.
(3)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature,
TA. The maximum allowable power dissipation is PDMAX = (TJMAX − TA) / θJA or the number given in Absolute Maximum Ratings,
whichever is lower.
(4)
Human body model, applicable std. JESD22-A114C.
(5)
Machine model, applicable std. JESD22-A115-A.
Operating Ratings
Temperature Range
TMIN ≤ TA ≤ TMAX
−40°C ≤ TA ≤ +85°C
Supply Voltage
2.3V
≤ VDD ≤ 5.5V
4
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Links: LM48512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com