Electronic Components Datasheet Search
  English  ▼

X  

LM48860 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM48860
Description  LM48860 Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48860 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM48860 Datasheet HTML 7Page - Texas Instruments LM48860 Datasheet HTML 8Page - Texas Instruments LM48860 Datasheet HTML 9Page - Texas Instruments LM48860 Datasheet HTML 10Page - Texas Instruments LM48860 Datasheet HTML 11Page - Texas Instruments LM48860 Datasheet HTML 12Page - Texas Instruments LM48860 Datasheet HTML 13Page - Texas Instruments LM48860 Datasheet HTML 14Page - Texas Instruments LM48860 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
150
0
400
125
POWER DISSIPATION (mW)
130
135
140
145
50
100 150 200 250 300 350
150
0
200
135
POWER DISSIPATION (mW)
140
145
20 40 60 80 100 120 140 160 180
150
100
700
100
POWER DISSIPATION (mW)
110
120
130
140
200
300
400
500
600
0
SUPPLY VOLTAGE (V)
3.00
3.25
3.50
3.75
4.00
2.0
3.0
3.5
4.0
4.5
5.0
5.5
2.5
150
0
300
130
135
140
145
POWER DISSIPATION (mW)
50
100
150
200
250
LM48860
www.ti.com
SNAS398D – JANUARY 2008 – REVISED MAY 2013
Typical Performance Characteristics (continued)
Supply Current vs Supply Voltage
Power Derating Curve
VIN = GND, No Load
VDD = 3V, RL = 16Ω
Figure 33.
Figure 34.
Power Derating Curve
Power Derating Curve
VDD = 3V, RL = 32Ω
VDD = 5V, RL = 16Ω
Figure 35.
Figure 36.
Power Derating Curve
VDD = 5V, RL = 32Ω
Figure 37.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM48860



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com